Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QL4016-1PL84M/883 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # QL4016-1PL84M/883
Description  90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4016-1PL84M/883 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button QL4016-1PL84M/883 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4016-1PL84M/883 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL4016-1PL84M/883 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL4016-1PL84M/883 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL4016-1PL84M/883 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL4016-1PL84M/883 Datasheet HTML 17Page - List of Unclassifed Manufacturers QL4016-1PL84M/883 Datasheet HTML 18Page - List of Unclassifed Manufacturers QL4016-1PL84M/883 Datasheet HTML 19Page - List of Unclassifed Manufacturers QL4016-1PL84M/883 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
52
Preliminary
8-52
Military QuickRAM
Rev A
QL4016 Clock Cells
I/O Cell Input Delays
I/O Cell Output Delays
Notes:
[6] Stated timing for worst case Propagation Delay over process variation at VCC=3.3V and TA=25
°C.
Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as
specified in the Operating Range.
[8] The array distributed networks consist of 40 half columns and the global distributed networks consist of
44 half columns, each driven by an independent buffer. The number of half columns used does not
affect clock buffer delay. The array clock has up to 8 loads per half column. The global clock has up to
11 loads per half column.
[9] The following loads are used for tPXZ:
Symbol
Parameter
Propagation Delays (ns)
Loads per Half Column [8]
12348
10
11
tACK
Array Clock Delay
1.2
1.2
1.3
1.3
1.5
1.6
1.7
tGCKP
Global Clock Pin Delay
0.7
0.7
0.7
0.7
0.7
0.7
0.7
tGCKB
Global Clock Buffer Delay
0.8
0.8
0.9
0.9
1.1
1.2
1.3
Symbol
Parameter
Propagation Delays (ns)
Fanout [6]
12
3
4
8
10
tI/O
Input Delay (bidirectional pad)
1.3
1.6
1.8
2.1
3.1
3.6
TISU
Input Register Set-Up Time
3.1
3.1
3.1
3.1
3.1
3.1
TIH
Input Register Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
TlOCLK
Input Register Clock To Q
0.7
1.0
1.2
1.5
2.5
3.0
TlORST
Input Register Reset Delay
0.6
0.9
1.1
1.4
2.4
2.9
TlESU
Input Register clock Enable Set-Up Time
2.3
2.3
2.3
2.3
2.3
2.3
TlEH
Input Register Clock Enable Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
Symbol
Parameter
Propagation Delays (ns)
Output Load Capacitance (pF)
30
50
75
100
150
TOUTLH
Output Delay Low to High
2.1
2.5
3.1
3.6
4.7
TOUTHL
Output Delay High to Low
2.2
2.6
3.2
3.7
4.8
TPZH
Output Delay Tri-state to High
1.2
1.7
2.2
2.8
3.9
TPZL
Output Delay Tri-state to Low
1.6
2.0
2.6
3.1
4.2
TPHZ
Output Delay High to Tri-State [9]
2.0
TPLZ
Output Delay Low to Tri-State [9]
1.2
5 pF
1K
Ω
5 pF
1K
Ω
tPHZ
tPLZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com