Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 86 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 82Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 83Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 84Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 85Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 86Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 87Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 88Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 89Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
MCU bus interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
86/300
18
MCU bus interface
The MCU module has a programmable bus interface which is a modified 8032 bus with 16
multiplexed address and data lines. The bus supports four types of data transfer (16- or 8-
bit), each transfer is to/from a memory location external to the MCU module:
●
Code Fetch cycle using the PSEN signal: fetch a 16-bit code word for filling the pre-
fetch queue. The CPU fetches a code byte from the PFQ for execution;
●
Code Read cycle using PSEN: read a 16-bit code word using the MOVC (Move
Constant) instruction. The code word is routed directly to the CPU and by-pass the
PFQ;
●
XDATA Read cycle using the RD signal: read a data byte using the MOVX (Move
eXternal) instruction; and
●
XDATA Write cycle using the WR signal: write a data byte using the MOVX instruction
18.1
PSEN bus cycles
In a PSEN bus cycle, the MCU module fetches the instruction from the 16-bit program
memory in the PSD module. The multiplexed address/data bus AD[15:0] is connected to the
PSD module for 16-bit data transfer. The UPSD34xx does not support external PSEN cycles
and cannot fetch instruction from other external program memory devices.
18.2
READ or WRITE bus cycles
In an XDATA READ or WRITE bus cycle, the MCU’s multiplexed AD[15:0] bus is connected
to the PSD module, but only the lower bytes AD[7:0] are used for the 8-bit data transfer. The
AD[7:0] lines are also connected to pins in the 80-pin package for accessing external
devices. If the high address byte A[15:8] is needed for external devices, Port B in the PSD
module can be configured to provide the latched A[15:8] address outputs.
18.3
Connecting external devices to the MCU bus
The UPSD34xx supports 8-bit only external I/O or Data memory devices. The READ and
WRITE data transfer is carried out on the AD[7:0] bus which is available in the 80-pin
package. The address lines can be brought out to the external devices in one of three ways:
1.
Configure Ports B and A of the PSD module in Address Output mode, as shown in
Figure 19;
2.
Use Port B together with an external latch, as shown in Figure 20 on page 87. The
external latch latches the low address byte from the AD[7:0] bus with the ALE
signal.This configuration is for design where Port A is needed for CPLD functions; and
3.
Configure the microcell in the CPLD to output any address line to any of the CPLD
output pins. This is the most flexible implementation but requires the use of CPLD
resources.
Ports A and B in the PSD module can be configured in the PSDsoft to provide latched MCU
address A[7:0] and A[15:8] (see Section 28.5: PSD module detailed operation on page 207
for details on how to enable Address Output mode). The latched address outputs on the
ports are pin configurable. For example, Port B pins PB[2:0] can be enabled to provide
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com