Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 8Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 9Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 10Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 11Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 12Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 13Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 14Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 15Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
List of tables
UPSD3422, UPSD3433, UPSD3434, UPSD3454
12/300
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 3.
Port type and voltage source combinations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 4.
Register bank select addresses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Table 5.
SFR memory map with direct address and reset value . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 6.
Arithmetic instruction set. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Table 7.
Logical instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Table 8.
Data transfer instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 9.
Boolean variable manipulation instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 10.
Program branching instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 11.
Miscellaneous instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 12.
Notes on instruction set and addressing modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 13.
DPTC: data pointer control register (SFR 85h, reset value 00h) . . . . . . . . . . . . . . . . . . . . 57
Table 14.
DPTC register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Table 15.
DPTM: data pointer mode register (SFR 86h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . 58
Table 16.
DPTM register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Table 17.
Interrupt summary. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Table 18.
IE: interrupt enable register (SFR A8h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 19.
IE register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 20.
IEA: interrupt enable addition register (SFR A7h, reset value 00h) . . . . . . . . . . . . . . . . . . 66
Table 21.
IEA register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 22.
IP: interrupt priority register (SFR B8h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Table 23.
IP register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Table 24.
IPA: Interrupt Priority Addition register (SFR B7h, reset value 00h) . . . . . . . . . . . . . . . . . . 67
Table 25.
IPA register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Table 26.
PLLM and PLLD values for different fOSC frequencies . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Table 27.
CCON0: clock control register (SFR F9h, reset value 50h) . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 28.
CCON0 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 29.
CCON1 PLL control register (SFR FAh, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . 71
Table 30.
CCON1 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Table 31.
MCU module port and peripheral status during reduced power modes . . . . . . . . . . . . . . . 74
Table 32.
State of 8032 MCU bus signals during power-down and idle modes . . . . . . . . . . . . . . . . . 74
Table 33.
PCON: power control register (SFR 87h, reset value 00h). . . . . . . . . . . . . . . . . . . . . . . . . 74
Table 34.
PCON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
Table 35.
P1: I/O port 1 register (SFR 90h, reset value FFh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 36.
P1 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 37.
P3: I/O port 3 register (SFR B0h, reset value FFh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Table 38.
P3 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Table 39.
P4: I/O port 4 register (SFR C0h, reset value FFh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Table 40.
P4 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Table 41.
P3SFS: Port 3 special function select register (SFR 91h, reset value 00h) . . . . . . . . . . . . 84
Table 42.
P3SFS register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Table 43.
P1SFS0: Port 1 special function select 0 register (SFR 8Eh, reset value 00h) . . . . . . . . . 84
Table 44.
P1SFS1: Port 1 special function select 1 register (SFR 8Fh, reset value 00h) . . . . . . . . . 84
Table 45.
P1SFS0 and P1SFS1 details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Table 46.
P4SFS0: Port 4 special function select 0 register (SFR 92h, reset value 00h). . . . . . . . . . 85
Table 47.
P4SFS1: Port 4 special function select 1 register (SFR 93h, reset value 00h). . . . . . . . . . 85
Table 48.
P4SFS0 and P4SFS1 details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com