Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 293 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 293 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 289Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 290Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 291Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 292Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 293Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 294Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 295Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 296Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 297Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
Part numbering
293/300
Note:
Operating temperature is in the Industrial range (–40 °C to 85 °C).
Table 240.
Order codes
Part number
Max
MHz
1st
Flash
2nd
Flash
SRAM
GPIO
8032
bus
VCC
VDD
Package
(bytes)
UPSD3422E-40T6
40
64K
32K
4K
35
No
3.3 V
5.0 V
LQFP52
UPSD3422EV-40T6
40
64K
32K
4K
35
No
3.3 V
3.3 V
LQFP52
UPSD3422E-40U6
40
64K
32K
4K
46
Yes
3.3 V
5.0 V
LQFP80
UPSD3422EV-40U6
40
64K
32K
4K
46
Yes
3.3 V
3.3 V
LQFP80
UPSD3433E-40T6
40
128K
32K
8K
35
No
3.3 V
5.0 V
LQFP52
UPSD3433EV-40T6
40
128K
32K
8K
35
No
3.3 V
3.3 V
LQFP52
UPSD3433E-40U6
40
128K
32K
8K
46
Yes
3.3 V
5.0 V
LQFP80
UPSD3433EV-40U6
40
128K
32K
8K
46
Yes
3.3 V
3.3 V
LQFP80
UPSD3434E-40T6
40
256K
32K
8K
35
No
3.3 V
5.0 V
LQFP52
UPSD3434EV-40T6
40
256K
32K
8K
35
No
3.3 V
3.3 V
LQFP52
UPSD3434E-40U6
40
256K
32K
8K
46
Yes
3.3 V
5.0 V
LQFP80
UPSD3434EV-40U6
40
256K
32K
8K
46
Yes
3.3 V
3.3 V
LQFP80
UPSD3454E-40T6
40
256K
32K
32K
35
No
3.3 V
5.0 V
LQFP52
UPSD3454EV-40T6
40
256K
32K
32K
35
No
3.3 V
3.3 V
LQFP52
UPSD3454E-40U6
40
256K
32K
32K
46
Yes
3.3 V
5.0 V
LQFP80
UPSD3454EV-40U6
40
256K
32K
32K
46
Yes
3.3 V
3.3 V
LQFP80
UPSD3422EB40T6
40
64K
32K
4K
35
No
3.3 V
5.0 V
LQFP52
UPSD3422EVB40T6
40
64K
32K
4K
35
No
3.3 V
3.3 V
LQFP52
UPSD3422EB40U6
40
64K
32K
4K
46
Yes
3.3 V
5.0 V
LQFP80
UPSD3422EVB40U6
40
64K
32K
4K
46
Yes
3.3 V
3.3 V
LQFP80
UPSD3433EB40T6
40
128K
32K
8K
35
No
3.3 V
5.0 V
LQFP52
UPSD3433EVB40T6
40
128K
32K
8K
35
No
3.3 V
3.3 V
LQFP52
UPSD3433EB40U6
40
128K
32K
8K
46
Yes
3.3 V
5.0 V
LQFP80
UPSD3433EVB40U6
40
128K
32K
8K
46
Yes
3.3 V
3.3 V
LQFP80
UPSD3434EB40T6
40
256K
32K
8K
35
No
3.3 V
5.0 V
LQFP52
UPSD3434EVB40T6
40
256K
32K
8K
35
No
3.3 V
3.3 V
LQFP52
UPSD3434EB40U6
40
256K
32K
8K
46
Yes
3.3 V
5.0 V
LQFP80
UPSD3434EVB40U6
40
256K
32K
8K
46
Yes
3.3 V
3.3 V
LQFP80
UPSD3454EB40T6
40
256K
32K
32K
35
No
3.3 V
5.0 V
LQFP52
UPSD3454EVB40T6
40
256K
32K
32K
35
No
3.3 V
3.3 V
LQFP52
UPSD3454EB40U6
40
256K
32K
32K
46
Yes
3.3 V
5.0 V
LQFP80
UPSD3454EVB40U6
40
256K
32K
32K
46
Yes
3.3 V
3.3 V
LQFP80
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com