Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 297 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 297 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 292Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 293Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 294Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 295Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 296Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 297Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 298Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 299Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 300Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 297 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
Important notes
297/300
with an ACK. The host will resend the SETUP packet a number of times and if an ACK is
not received from the UPSD3400, the host will issue a USB reset and then enumerate it
again. Upon detecting a USB reset, the UPSD3400 firmware will reset and initialize the
USB SIE putting the hardware back into the reset/initialized state so that when the next
SETUP packet is received, the UPSD3400 will respond with an ACK to the host.
Impact on application
If this occurs during enumeration, the impact is minimal as the host will retry the
enumeration. If it happens after enumeration, the communication will break down between
the host application and the UPSD3400 and will need to be re-established after the
UPSD3400 is reset and enumerated again. In extremely noisy environments, the
UPSD3400 may not communicate well over USB with the host application.
Workaround
Revision A and B - None identified at this time.
34.10
MCU JTAG ID
Description
MCU JTAG ID changed to differentiate revision A from revision B silicon through the JTAG
port. The PSD JTAG ID remains the same.
Revision A MCU JTAG ID - 0451F041f
Revision B MCU JTAG ID - 1451F041h
Impact on application
There will be no impact on the application. The impact will be to JTAG production
programming equipment that may need to distinguish between revision A and B MCU silicon
if the firmware is different depending on the revision level.
34.11
Port 1 not 5-volt IO tolerant
Description
The port P1 is shared with the ADC module and as a result Port P1 is not 5 V tolerant.
Impact on application
5 V devices should not be connected to port P1.
Workaround
Revision A and B - Peripherals or GPIO that require 5-Volt IO tolerance should be mapped
to Port 3 or Port 4.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com