Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 299 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 299 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 292Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 293Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 294Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 295Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 296Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 297Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 298Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 299Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 300Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 299 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
Revision history
299/300
35
Revision history
Table 241.
Document revision history
Date
Version
Revision details
04-Feb-2005
1
First Edition
30-Mar-2005
2
Added one note in Section 1: Description on page 20
Added two notes in Section 25: USB interface on page 150
Changed values in Table 230 on page 285 (Turbo Off column)
Added Section 34: Important notes on page 294
25-Oct-2005
3
Changed Table on page 293 to add sales types with 32K SRAM
Changed Figure 1 on page 21
Changed Figure 5 on page 30
Corrected Port Pin P1.5 from ADC6 to ADC5 in Table 2 on page 24
Removed duplicate entry for 80-pin no. 11 in Table 2 on page 24
Changed Figure 61 on page 191
Updated Table 157 on page 193
Updated Table 239 on page 292
11-Jul-2006
4
Pin descriptions, Figure 2 on page 22 and Figure 3 updated with VREF
changed to AVREF
VREF changed to AVREF throughout document
Figure 13 updated, correcting CCON[2:0]
Clarification of VCC, VDD, AVCC supply voltages in section Section 30:
Maximum rating on page 268
Section 34: Important notes updated with differences between silicon
revisions A and B, and new Important Notes added.
SPI Master Controller corrected to 10MHz in features on first page
Latched address out modified, adding A8-A15 to PB0-PB7, Section Table
2.: Pin definitions
UCON register reset value changed from 00h to 08h throughout
Reference to USBCE bit corrected to UPLLCESection 14 on page 68
Incorrect references to UART#2 changed to UART#1Section 22.1 on page
120
UADDR register description enhanced, Table 100 on page 162
USB interrupts section text expanded, Section 25.4.3 on page 163
UIFO register table modified, Table 112 on page 166
UCTL register table enhanced, Table 120 on page 170
Note added below Table 122 on page 171
Many modifications made to UCON register description, Table 126 on
page 173
An incorrect reference to CAPCOMHn changed to CAPCOMLn
Section 27.7 on page 184
Part numbering guide updated with B revision information Section 33 on
page 292
Figure 40 on page 123 updated
Document reformatted
Note added related to non-support of external indirect addressing,
inSection 9.6 and in Table 8 on page 54
26-Jan-2009
5
SRAM standby mode removed. Backup battery feature removed.
All products are delivered in ECOPACK-compliant packages. Section 32:
Package mechanical information on page 289 updated.
Small text changes including part number capitalization.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com