Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 295 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 295 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 291Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 292Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 293Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 294Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 295Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 296Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 297Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 298Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 299Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
Important notes
295/300
Workaround
Revision A and B - When a USB reset is detected, the USB SIE's registers must be
initialized appropriately by the firmware. The 3400 USB firmware examples clear USB SIE's
registers if USB reset is detected.
34.4
Data toggle
Description
The data toggle bit is read only.
Impact on application
The IN FIFO data toggle bit is controlled exclusively by the USB SIE; therefore, it is not
possible to change the state of the data toggle bit by firmware.
Workaround
Revision A - For cases where the data toggle bit must be reset, such as after a Clear
Feature/Stall request, sending the subsequent data on that endpoint twice results in getting
the data toggle bit back to the state that it should be.
Revision B - A change in silicon was made so that the data toggle bit is reset by disabling
and then enabling the respective endpoint's FIFO.
34.5
USB FIFO accessibility
Description
The USB FIFO is only accessible by firmware and not by a JTAG debugger.
Impact on application
Using a JTAG debugger, it is not possible to view the USB FIFO's contents in a memory
dump window.
Workaround
Revision A and B - None identified at this time.
34.6
Erroneous resend of data packet
Description
When a data packet is sent the respective IN FIFO busy bit is not automatically cleared by
the USB SIE. This can cause a data packet to be erroneously resent to the host in response
to an IN PID immediately after the first correct transmission of this data packet.
Impact on application
Since the Data Toggle in the retransmitted data packet is toggled from when the data was
first sent, the host will treat this packet as valid. If the identified workaround is not
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com