Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UBA2007TK/N2 Datasheet(PDF) 3 Page - Texas Instruments

Part # UBA2007TK/N2
Description  Charge switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UBA2007TK/N2 Datasheet(HTML) 3 Page - Texas Instruments

  UBA2007TK/N2 Datasheet HTML 1Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 2Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 3Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 4Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 5Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 6Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 7Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 8Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2003 Oct 01
3
Philips Semiconductors
Product specification
Charge switch
UBA2007
1
FEATURES
• Very low ohmic charge switch (0.25 Ω) with soft
switching and adjustable current limitation
• Very low ohmic reverse switch (0.25 Ω) with built-in
current limitation
• 130 mA pre-charge current
• Battery overvoltage and undervoltage protection
• Charger overvoltage protection of up to +20 V and
reverse polarity protection down to
−20 V
• On-chip thermal protection
• Charger detection
• Built-in current sensing
• Small 3 × 3 mm HVSON10 package with excellent
thermal properties
• The UBA2007 is qualified according to the
IEC 61000-4-2 standard for ESD performance.
2
APPLICATIONS
• Charging circuits.
3
GENERAL DESCRIPTION
The UBA2007 is an intelligent charge switch IC for pulse
mode charging applications. With its integrated low ohmic
power switch it is designed for charging of 1-cell Li-Ion or
3-cell NiMH batteries in either a pre-charge or fast charge
mode. The reverse mode of the UBA2007 allows the
supply of accessories connected to the charger pin.
Several integrated safety mechanisms such as current
limitation, overvoltage protection, thermal protection and
ESD guarantee fail-safe operation.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UBA2007TK/N2
HVSON10
plastic thermal enhanced very thin small outline package;
no leads; 10 terminals; body 3
× 3 × 0.85 mm
SOT650-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com