Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UBA2007TK/N2 Datasheet(PDF) 8 Page - Texas Instruments

Part # UBA2007TK/N2
Description  Charge switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UBA2007TK/N2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UBA2007TK/N2 Datasheet HTML 4Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 5Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 6Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 7Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 8Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 9Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 10Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 11Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2003 Oct 01
8
Philips Semiconductors
Product specification
Charge switch
UBA2007
7.6
REVERSE mode
The REVERSE mode switch is activated when the
REVMOD input is pulled HIGH.
The current through the REVERSE mode switch is
monitored by the current limiting circuit. This current
limiting circuit reduces the drive voltage for the REVERSE
mode switch when the current exceeds the set current limit
resulting in a constant current behaviour of the REVERSE
mode switch.
When VBAT < 2.7 V the REVERSE mode is automatically
disabled and the UBA2007 returns to SHUTDOWN mode
(see Fig.3).
Remark: The dissipation inside the UBA2007 will increase
strongly when the current limitation is activated, this might
lead to activation of the thermal protection.
7.7
REVERSE and SLOW CHARGE mode
The REVERSE and SLOW CHARGE mode corresponds
to the SLOW CHARGE mode if a charger is connected to
pin CHG. When no charger is present, this mode is
equivalent to the REVERSE mode.
7.8
REVERSE and FAST CHARGE mode
The REVERSE and FAST CHARGE mode corresponds to
the FAST CHARGE mode if a charger is connected to pin
CHG. When no charger is present, this mode is equivalent
to the REVERSE mode. When the current flows from the
charger to the battery, the current limit can be adjusted
from 50 mA to 2 A, using the external resistor RRLIMF.
handbook, full pagewidth
MRC314
VBAT
(V)
t
REVERSE
mode
SHUTDOWN
mode
REVERSE
mode
>2.7 V
<3.1 V
hysteresis (VBAT(rev)(hys))
Fig.3 Reverse mode behaviour as a function of VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com