Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3495MTC Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3495MTC
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495MTC Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM3495MTC Datasheet HTML 16Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 17Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 18Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 19Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 20Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 21Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 22Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 23Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Design Considerations (Continued)
transfer function of the compensation block, G
EA, can de
derived by multiplying the impedance Z
C =(R1 + 1/sC1)ll(
1/s
C2) times the DC gain of the error amp to give the follow-
ing equation:
This transfer function provides one pole at the origin, one
zero at 1/(2
πR
1C1),
and another pole at approximately
1/(2
πR
1C2)ifC2 is used. If C2 is not used, a default value of
10 pF is substituted, representing the parasitic capacitance
from the COMP/SD pin to ground.
The value for R
1 can be calculated using the following equa-
tion:
The value, B, can be determined by evaluating the power
stage transfer function at the desired cross-over frequency,
or by reading the value graphically from the power stage
gain plot. Setting B equal to the inverse of the linear gain will
force the total loop gain to be 1 (0dB) at the cross-over
frequency. For this example the desired cross-over fre-
quency is 1/10 of the switching frequency, or 50 kHz. At 50
kHz the value of G
PS is approximately -4dB, or 0.63V/V. This
indicates a system where the f
Z
≥ f
SW. The value B should
then be set to 1.58V/V and increased by 0.1V/V steps until
the phase margin is at 45˚.
Once R
1 has been selected, C1 is calculated based on the
value of R
1 as shown in the following equation:
In this example B = 1.58V/V, R
1 = 3.73 k
Ω, and C1 = 15.7 nF.
The closest 1% value should be used for R
1 and the closest
10% value used for C
1, which gives:
R
1 = 3.74 k
Ω 1%
C
1 =15nF10%
The error amplifier of the LM3495 has a unity-gain band-
width of 10 MHz. In order to model the effect of this limitation,
the open-loop gain, OPG, can be calculated as:
The new error amplifier transfer function taking into account
unity-gain bandwidth is:
The gain and phase of the error amplifier are shown in
Figure 9.
The total control loop transfer function, H, is equal to the
power stage transfer function multiplied by the error amplifier
transfer function. The bandwidth and phase margin can be
read graphically from Bode plots of H, shown in Figure 10.
H=G
PS xGEA-ACTUAL
20169966
20169967
FIGURE 9. Error Amplifier Gain and Phase
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com