Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3495MTC Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3495MTC
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495MTC Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM3495MTC Datasheet HTML 18Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 19Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 20Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 21Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 22Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 23Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 24Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 25Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Table 2: Bill of Materials for 3.0V to 6.0V Input, 2.2V Output, 7A, 500 kHz
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U1
LM3495
Synchronous Controller
TSSOP-16
1
NSC
Q1
Si4866DY
N-MOSFET
SO-8
12V, 6.5m
Ω, 21nC
1
Vishay
Q2
Si4838DY
N-MOSFET
SO-8
12V, 3.1m
Ω, 40nC
1
Vishay
D1
MBR0530
Schottky Diode
SMA
30V, 0.5A
1
Vishay
L1
MSS1260–102NX
Inductor
12.3x12.3 x
6mm
1µH 8A 10m
Ω
1
Coilcraft
C
IN1,
C
IN2
C3225X5R1A226M
Capacitor
1210
22µF, 10V
2
TDK
C
O1
6TPD470M
Capacitor
7.3x4.3 x3.8
470µF 6.3V 10m
Ω
2
Sanyo
C
F
C2012X7R1E105M
Capacitor
0805
1µF, 25V
1
TDK
C
DD
C2012X7R1C225M
Capacitor
0805
2.2µF 16V
1
TDK
C
B,
C
INX
VJ0805Y104KXXAT
Capacitor
0805
100nF 10%
2
Vishay
C
C1
VJ0805Y472KXXAT
Capacitor
0805
4.7nF 10%
1
Vishay
R
C1
CRCW08051742F
Resistor
0805
17.4k
Ω 1%
1
Vishay
R
FB1
CRCW08053741F
Resistor
0805
3.74k
Ω 1%
1
Vishay
R
FB2
CRCW08051002F
Resistor
0805
10k
Ω 1%
2
Vishay
R
FRQ
CRCW08055492F
Resistor
0805
54.9k
Ω 1%
1
Vishay
R
LIM
CRCW08052051F
Resistor
0805
2.05k
Ω 1%
1
Vishay
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com