Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7B995ACT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7B995ACT
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995ACT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7B995ACT Datasheet HTML 3Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 4Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 5Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 6Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 7Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 8Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 9Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 10Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CY7B995
Document #: 38-07337 Rev. *A
Page 7 of 11
Notes:
14. tPD is measured at 1.5V for VDD = 3.3V and at 1.25V for VDD = 2.5V with REF rise/fall times of 0.5ns between 0.8V–2.0V.
15. tLOCK is the time that is required before outputs synchronize to REF. This specification is valid with stable power supplies which are within normal operating limits.
16. Lock detector circuit may be unreliable for input frequencies lower than 4MHz, or for input signals which contain significant jitter.
tPART
Part-Part Skew
Skew between the outputs of any two
devices under identical settings and
conditions (VDDQ, VDD, temp, air flow,
frequency, etc.)
–
750
ps
tPD0
Ref to FB Propagation Delay[14]
–250
+250
ps
tODCV
Output Duty Cycle
Fout < 100 MHz, Measured at VDD/2
48
52
%
Fout > 100 MHz, Measured at VDD/2
45
55
tPWH
Output High Time Deviation
from 50%
Measured at 2.0V for VDD = 3.3V and at
1.7V for VDD = 2.5V.
–1.5
ns
tPWL
Output Low Time Deviation
from 50%
Measured at 0.8V for VDD = 3.3V and at
0.7V for VDD = 2.5V.
–2.0
ns
tR/tF
Output Rise/Fall Time
Measured at 0.8V-2.0V for VDD = 3.3V
and 0.7V–1.7V for VDD = 2.5V
0.15
1.5
ns
tLOCK
PLL lock time[15,16]
–0.5
ms
tCCJ
Cycle-Cycle Jitter
Divide by 1 output frequency, FS = L, FB
= divide by any
–
100
ps
Divide by 1 output frequency, FS = M/H,
FB = divide by any
–
150
ps
Switching Characteristics (continued)
Parameter
Description
Condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com