Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1713T-E/SOSQTP Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16LF1713T-E/SOSQTP
Description  Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1713T-E/SOSQTP Datasheet(HTML) 2 Page - Microchip Technology

  PIC16LF1713T-E/SOSQTP Datasheet HTML 1Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 2Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 3Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 4Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 5Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 6Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 7Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 471 page
background image
PIC16(L)F1713/6
DS40001726D-page 2
 2013-2018 Microchip Technology Inc.
Clocking Structure:
• 16 MHz Internal Oscillator Block:
- ±1% at calibration
- Selectable frequency range from 0 to 32 MHz
• 31 kHz Low-Power Internal Oscillator
• External Oscillator Block with:
- Three crystal/resonator modes up to 20 MHz
- Two external clock modes up to 20 MHz
• Fail-Safe Clock Monitor
• Two-Speed Oscillator Start-up
• Oscillator Start-up Timer (OST)
Programming/Debug Features:
• In-Circuit Debug Integrated On-Chip
• Emulation Header for Advanced Debug:
- Provides trace, background debug and up to
32 hardware break points
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
PIC16(L)F1713/6
Family Types
Device
PIC16(L)F1713
(1)
4096
512
128
25
17 1/1
2
2
1
4/1
2
2
1
1
1
4
1
Y
I/E
Y
PIC16(L)F1716
(1)
8192
1024
128
25
17 1/1
2
2
1
4/1
2
2
1
1
1
4
1
Y
I/E
Y
PIC16(L)F1717
(2)
8192
1024
128
36
28 1/1
2
2
1
4/1
2
2
1
1
1
4
1
Y
I/E
Y
PIC16(L)F1718
(2) 16384 2048
128
25
17 1/1
2
2
1
4/1
2
2
1
1
1
4
1
Y
I/E
Y
PIC16(L)F1719
(2) 16384 2048
128
36
28 1/1
2
2
1
4/1
2
2
1
1
1
4
1
Y
I/E
Y
Note 1:
Debugging Methods: (I) – Integrated on Chip; (H) – using Debug Header; E – using Emulation Header.
2:
One pin is input-only.
Data Sheet Index: (Unshaded devices are described in this document.)
1:
DS40001726
PIC16(L)F1713/6 Data Sheet, 28-Pin Flash, 8-bit Microcontrollers.
2:
DS40001740
PIC16(L)F1717/8/9 Data Sheet, 28/40-Pin Flash, 8-bit Microcontrollers.
Note:
For other small form-factor package availability and marking information, please visit
http://www.microchip.com/packaging or contact your local sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com