Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1713T-E/SOSQTP Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16LF1713T-E/SOSQTP
Description  Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1713T-E/SOSQTP Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16LF1713T-E/SOSQTP Datasheet HTML 35Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 36Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 37Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 38Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 39Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 40Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 41Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 42Page - Microchip Technology PIC16LF1713T-E/SOSQTP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 471 page
background image
 2013-2018 Microchip Technology Inc.
DS40001726D-page 39
PIC16(L)F1713/6
Bank 31
F8Ch
—
FE3h
—
Unimplemented
—
—
FE4h STATUS_SHAD
—
—
—
—
—
Z_SHAD
DC_SHAD
C_SHAD
---- -xxx
---- -uuu
FE5h WREG_SHAD
WREG_SHAD
xxxx xxxx
uuuu uuuu
FE6h BSR_SHAD
—
—
—
BSR_SHAD
---x xxxx
---u uuuu
FE7h PCLATH_SHAD
—
PCLATH_SHAD
-xxx xxxx
-uuu uuuu
FE8h FSR0L_SHAD
FSR0L_SHAD
xxxx xxxx
uuuu uuuu
FE9h FSR0H_SHAD
FSR0H_SHAD
xxxx xxxx
uuuu uuuu
FEAh FSRIL_SHAD
FSRIL_SHAD
xxxx xxxx
uuuu uuuu
FEBh FSRIH_SHAD
FSR1H_SHAD
xxxx xxxx
uuuu uuuu
FECh —
Unimplemented
—
FEDh STKPTR
—
—
—
STKPTR
---1 1111
---1 1111
FEEh TOSL
TOSL
xxxx xxxx
uuuu uuuu
FEFh TOSH
—TOSH
-xxx xxxx
-uuu uuuu
TABLE 3-11:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
Unimplemented, read as ‘1’.
2:
Unimplemented on PIC16(L)F1713/6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com