Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L3G4IS Datasheet(PDF) 18 Page - STMicroelectronics

Part # L3G4IS
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4IS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L3G4IS Datasheet HTML 14Page - STMicroelectronics L3G4IS Datasheet HTML 15Page - STMicroelectronics L3G4IS Datasheet HTML 16Page - STMicroelectronics L3G4IS Datasheet HTML 17Page - STMicroelectronics L3G4IS Datasheet HTML 18Page - STMicroelectronics L3G4IS Datasheet HTML 19Page - STMicroelectronics L3G4IS Datasheet HTML 20Page - STMicroelectronics L3G4IS Datasheet HTML 21Page - STMicroelectronics L3G4IS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Application hints
L3G4IS
18/24
Doc ID 022612 Rev 1
6.1
Power supply configurations
The L3G4IS can be powered according to several different configurations, as reported in
Section 3. Depending on the particular power supply provided, either the user interface or
image stabilization modes are activated. The presence of a certain power supply
determines also which digital interface is available. In Figure 4 three possible power supply
configurations are reported to further explain the high level of flexibility allowed by the
component. It should be noted that when AVdd and HAVdd are removed they must be
connected to GND for proper working of the device.
6.1.1
Configuration 1
Figure 4.
L3G4IS power supply configuration 1
where:
AVdd is ON
HAVdd is ON
UI and OIS modes enabled
I2C (SCL/SDA) is supplied by AVdd)
DRDY/INT are supplied by AVdd
Vdd_IO_SPI can be connected to any voltage in the range of 1.71 V to HAVdd.
Note:
For complete external component placement please refer to Figure 3: L3G4IS electrical
connections and external component values.
SCL
DRDY
GND
SDA
Vdd_IO_SPI
1
8
12
5
49
13
16
TOP
VIEW
INT
Rpu = 10kOhm
Rpu
SCL
SDA
Pull-up to be added on I2C lines
14
SCL_OIS
CS_OIS
SDI/SDO_OIS
Res
Res
Res
AVdd HAVdd
Rpu = 10kOhm
Rpu
INT
DRDY
VddI2Cbus
VddI2Cbus
AM10237v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com