Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GPTR Datasheet(PDF) 77 Page - STMicroelectronics

Part # L99DZ100GPTR
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GPTR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L99DZ100GPTR Datasheet HTML 73Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 74Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 75Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 76Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 77Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 78Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 79Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 80Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 197 page
background image
DS11546 Rev 5
77/197
L99DZ100G, L99DZ100GP
Application information
196
4.4.1
Wake up input
The WU input can be configured as wake-up source. The wake-up input is sensitive to any
level transition (positive and negative edge) and can be configured for static or cyclic
monitoring of the input voltage level.
For static contact monitoring, a filter time of tWU_STAT is implemented. The filter is started
when the input voltage passes the specified threshold VWU_THP or VWU_THN.
Cyclic contact monitoring allows periodical activation of the wake-up input to read the status
of the external contact. The periodical activation can be configured to Timer 1 or Timer 2.
The input signal is filtered with a filter time of tWU_CYC after a delay (80% of the configured
Timer on-time. A Wake-up will be processed if the status has changed versus the previous
cycle. The buffered output OUT_HS can be used to supply the external contacts with the
timer setting according to the cyclic monitoring of the wake-up input.
In standby modes, the input WU is configurable with an internal pull-up or pull-down current
source according to the setup of the external contact. In Active mode the inputs have an
internal pull down resistor (RWU_act) and the input status can be read by SPI. Static sense
should be configured before the read operation is started in order to reflect the actual input
level.
4.5
Functional overview (truth table)
Table 63. Status of different functions/features vs operating modes
Function
Comments
Operating modes
Active mode
V1-standby static
mode (cyclic sense)
Vbat-standby static
mode (cyclic sense)
Voltage regulator V1
VOUT = 5 V
On
On(1)
Off
Voltage regulator V2
VOUT = 5 V
On/ Off(2)
On(2) / Off
On(2) / Off
Reset generator
On
On
Off
Window watchdog
V1 monitor
On
Off (on if IV1 > ICMP
and ICMP = 0)
Off
Wake up
Off
Active(3)
Active(3)
HS-cyclic supply
Oscillator time
base
On / Off
On(2) / Off
On(2) / Off
LIN
LIN 2.2a
On
Off(4)
Off(4)
HS_CAN
On / Off(5)
Off(4)
Off(4)
Oscillator OSC1
2 MHz
On
On/Off(6)
On/Off(6)
Oscillator OSC2
32 MHz
ON
ON/Off(7)
ON/Off(7)
VSREG-Monitor
On
(8)
(8)
VS-Monitor
On
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com