Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GPTR Datasheet(PDF) 80 Page - STMicroelectronics

Part # L99DZ100GPTR
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GPTR Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L99DZ100GPTR Datasheet HTML 76Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 77Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 78Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 79Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 80Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 81Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 82Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 83Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
80/197
DS11546 Rev 5
This actually produces an additional watchdog failure but the watchdog fail counter will
remain at maximum value of 15 failures.
This sequence is repeated until a valid watchdog trigger event is performed by writing
TRIG = 1.
In case of a Watchdog failure, the power outputs and V2 are switched off and the status bit
WDFAIL (SR 1) is set to 1. A reset pulse is generated at NReset output and the device
enters Fail-safe mode. Control registers are set to their Fail Safe values and the Fail-safe
low-side switches are turned on. Please refer to chapter Section 4.7: Fail-safe mode for
more details.
The following diagrams illustrate the Watchdog behavior of the devices. The diagrams are
split into 3 parts. First diagram shows the functional behavior of the watchdog without any
error. The second diagram covers the behavior covering all the error conditions, which can
affect the watchdog behavior. Figure 26: Watchdog in Flash mode shows the transition in
and out of Flash modes. Figure 24, Figure 25 and Figure 26 can be overlapped to get all the
possible state transitions under all circumstances. For a better readability, they were split in
normal operating, operating with errors and Flash mode.
Figure 24. Watchdog in normal operating mode (no errors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com