Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSO
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSO Datasheet HTML 1Page - STMicroelectronics LSM6DSO Datasheet HTML 2Page - STMicroelectronics LSM6DSO Datasheet HTML 3Page - STMicroelectronics LSM6DSO Datasheet HTML 4Page - STMicroelectronics LSM6DSO Datasheet HTML 5Page - STMicroelectronics LSM6DSO Datasheet HTML 6Page - STMicroelectronics LSM6DSO Datasheet HTML 7Page - STMicroelectronics LSM6DSO Datasheet HTML 8Page - STMicroelectronics LSM6DSO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 172 page
background image
LGA-14L
(2.5 x 3.0 x 0.83 mm) typ.
Features
Power consumption: 0.55 mA in combo high-performance mode
“Always-on" experience with low power consumption for both accelerometer and
gyroscope
Smart FIFO up to 9 kbyte
Android compliant
±2/±4/±8/±16 g full scale
±125/±250/±500/±1000/±2000 dps full scale
Analog supply voltage: 1.71 V to 3.6 V
Independent IO supply (1.62 V)
Compact footprint: 2.5 mm x 3 mm x 0.83 mm
SPI / I²C & MIPI I3CSM serial interface with main processor data synchronization
Auxiliary SPI for OIS data output for gyroscope and accelerometer
Advanced pedometer, step detector and step counter
Significant Motion Detection, Tilt detection
Standard interrupts: free-fall, wakeup, 6D/4D orientation, click and double-click
Programmable Finite State Machine: accelerometer, gyroscope and external
sensors
Embedded temperature sensor
ECOPACK®, RoHS and “Green” compliant
Applications
Motion tracking and gesture detection
Sensor hub
Indoor navigation
IoT and connected devices
Smart power saving for handheld devices
EIS and OIS for camera applications
Vibration monitoring and compensation
Description
The LSM6DSO is a system-in-package featuring a 3D digital accelerometer and a 3D
digital gyroscope boosting performance at 0.55 mA in high-performance mode and
enabling always-on low-power features for an optimal motion experience for the
consumer.
The LSM6DSO supports main OS requirements, offering real, virtual and batch
sensors with 9 kbytes for dynamic data batching. ST’s family of MEMS sensor
modules leverages the robust and mature manufacturing processes already used for
the production of micromachined accelerometers and gyroscopes. The various
sensing elements are manufactured using specialized micromachining processes,
while the IC interfaces are developed using CMOS technology that allows the design
of a dedicated circuit which is trimmed to better match the characteristics of the
sensing element.
Product status link
LSM6DSO
Product summary
Order code
LSM6DSO
LSM6DSOTR
Temperature
range [°C]
-40 to +85
Package
LGA-14L
(2.5 x 3 x 0.83 mm)
Packing
Tray
Tape & Reel
Product label
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
LSM6DSO
Datasheet
DS12140 - Rev 2 - January 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LSM6DSO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSO/X STMICROELECTRONICS-LSM6DSO/X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 107P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
More results

Similar Description - LSM6DSO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com