| Electronic Components Datasheet Search |
|
M24M02 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M02 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 40 page ![]() 5.2 Read operations Read operations are performed independently of the state of the write control (WC) signal. After the successful completion of a read operation, the device internal address counter is incremented by one, to point to the next byte address. For the read instructions, after each byte read (data out), the device waits for an acknowledgement (data in) during the 9th bit time. If the bus master does not acknowledge during this 9th time, the device terminates the data transfer and switches to its standby mode after a stop condition. Figure 10. Read mode sequences Dev sel * Byte addr Byte addr Dev sel Data out 1 Data out N Current Address Read Dev sel Data out Random Address Read Dev sel * Data out Sequential Current Read Data out N Dev sel * Byte addr Byte addr Sequential Random Read Dev sel * Data out1 ACK RW NO ACK ACK RW ACK ACK ACK RW ACK ACK ACK NO ACK RW NO ACK ACK ACK ACK RW ACK ACK RW ACK NO ACK Note: The seven most significant bits of the first device select code of a random read must be identical to the seven most significant bits of the device select code of the write. M24M02-DR M24M02-R Read operations DS7025 - Rev 11 page 15/40 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |