Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M02 Datasheet(PDF) 35 Page - STMicroelectronics

Part # M24M02
Description  2-Mbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M24M02 Datasheet HTML 31Page - STMicroelectronics M24M02 Datasheet HTML 32Page - STMicroelectronics M24M02 Datasheet HTML 33Page - STMicroelectronics M24M02 Datasheet HTML 34Page - STMicroelectronics M24M02 Datasheet HTML 35Page - STMicroelectronics M24M02 Datasheet HTML 36Page - STMicroelectronics M24M02 Datasheet HTML 37Page - STMicroelectronics M24M02 Datasheet HTML 38Page - STMicroelectronics M24M02 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Date
Revision
Changes
14-Jan-2018
10
Added M24M02-R RPN. Updated
Features
Figure 1: Logic diagram,
Table 17: Ordering information scheme, Table18:Ordering information scheme (unsawn
wafer)
18-Oct-2022
11
Updated:
WLCSP8 silouette.
title of Figure 2
Section 2.2 Serial data (SDA), Section 3 Block diagram, Section 4.2 Stop condition,
Section 5.2 Read operations
Table 3. Device select code, Section 9.1 SO8N package information
Note 1 and 2 in Table 6, note 1 in Table 9, note 1 in Table 11, note 1 in Table 12, note 2 in
Table 13 and Table 14, note 2 in Table 17
M24M02-DR M24M02-R
DS7025 - Rev 11
page 35/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com