| Electronic Components Datasheet Search |
|
AM85C30-8PC Datasheet(PDF) 18 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30-8PC Datasheet(HTML) 18 Page - Advanced Micro Devices |
|
18 / 68 page ![]() AMD 18 Am85C30 Table 2. Register Addressing “Point High” D2, D1, D0 Write Read D/C Code In WR0: In WR0: Register Register High Either Way X X X Data Data Low Not True 0 0 0 0 0 Low Not True 0 0 1 1 1 Low Not True 0 1 0 2 2 Low Not True 0 1 1 3 3 Low Not True 1 0 0 4 (0) Low Not True 1 0 1 5 (1) Low Not True 1 1 0 6 (2) Low Not True 1 1 1 7 (3) Low True 0 0 0 Data Data Low True 0 0 1 9 – Low True 0 1 0 10 10 Low True 0 1 1 11 (15) Low True 1 0 0 12 12 Low True 1 0 1 13 13 Low True 1 1 0 14 (10) Low True 1 1 1 15 15 Read Registers The ESCC contains eight Read registers [actually nine, counting the receive buffer (RR8) in each channel]. Four of these may be read to obtain status information (RR0, RR1, RR10, and RR15). Two registers (RR12 and RR13) may be read to learn the baud rate generator time constant. RR2 contains either the unmodified inter- rupt vector (Channel A) or the vector modified by status information (Channel B). RR3 contains the Interrupt Pending (IP) bits (Channel A). In addition, if bit D2 of WR15 is set, RR6 and RR7 are available for providing frame status from the 10 × 19 bit Frame Status FIFO. Figure 8 shows the formats for each Read register. The status bits of RR0 and RR1 are carefully grouped to simplify status monitoring, for example, when the inter- rupt vector indicates a Special Receive Condition interrupt, all the appropriate error bits can be read from a single register (RR1). Please refer to Am85C30 Technical Manual for detailed descriptions of the read registers. Write Registers The ESCC contains 15 Write registers (16 counting WR8, the transmit buffer) in each channel. These Write registers are programmed separately to configure the functional “personality” of the channels. Two registers (WR2 and WR9) are shared by the two channels that can be accessed through either of them. WR2 contains the interrupt vector for both channels, while WR9 con- tains the interrupt control bits. In addition, if bit D0 of WR15 is set, Write Register 7 prime (WR7 ′) is available for programming additional SDLC/HDLC enhance- ments. When bit D0 of WR15 is set, executing a write to WR7 actually writes to WR7 ′ to further enhance the functional “personality” of each channel. Figure 8 shows the format of each Write register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |