Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM85C30-8PC Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM85C30-8PC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-8PC Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM85C30-8PC Datasheet HTML 19Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 20Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 21Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 22Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 23Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 24Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 25Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 26Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
AMD
23
Am85C30
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Write Register 12
D7 D6 D5 D4 D3 D2 D1 D0
TC0
TC1
TC2
TC3
TC4
TC5
TC6
TC7
Lower Byte of
Time Constant
Write Register 14
D7 D6 D5 D4 D3 D2 D1 D0
BR Generator Enable
BR Generator Source
DTR/Request Function
Auto Echo
Local Loopback
Write Register 10
D7 D6 D5 D4 D3 D2 D1 D0
6-Bit/
8-Bit Sync
Loop Mode
Abort/
Flag on Underrun
Mark/
Flag Idle
Go Active on Roll
0
0
1
1
0
1
0
1
NRZ
NRZI
FM1 (Transition = 1)
FM0 (Transition = 0)
CRC Preset ‘1’ or ‘0’
Write Register 13
D7 D6 D5 D4 D3 D2 D1 D0
TC8
TC9
TC10
TC11
TC12
TC13
TC14
TC15
Upper Byte of
Time Constant
Null Command
Enter Search Mode
Reset Missing Clock
Disable DPLL
Set Source = BR Generator
Set Source =
RTxC
Set FM Mode
Set NRZI Mode
Write Register 15
D7 D6 D5 D4 D3 D2 D1 D0
SDLC/HDLC Enhancements Enable*
Zero Count IE
10
× 19 Bit FIFO Enable*
DCD IE
Sync/Hunt IE
CTS IE
Tx Underrun/EOM IE
Break/Abort IE
* Added Enhancement
Figure 9. Write Register Bit Functions (continued)
10216F-13
(concluded)
Am85C30 Timing
The ESCC generates internal control signals from
WR
and
RD that are related to PCLK. Since PCLK has no
phase relationship with
WR and RD, the circuitry gener-
ating these internal control signals must provide time for
metastable conditions to disappear. This gives rise to a
recovery time related to PCLK. The recovery time ap-
plies only between bus transactions involving the
ESCC. The recovery time required for proper operation
is specified from the falling edge of
WR or RD in the first
transaction involving the ESCC, to the falling edge of
WR or RD in the second transaction involving the
ESCC. This time must be at least 3 1/2 PCLK regardless
of which register or channel is being accessed.
Read Cycle Timing
Figure 10 illustrates Read cycle timing. Addresses on
A/
B and D/C and the status on INTACK must remain sta-
ble throughout the cycle. If
CE falls after RD falls or if it
rises before
RD rises, the effective RD is shortened.
Write Cycle Timing
Figure 11 illustrates Write cycle timing. Addresses on
A/
B and D/C and the status on INTACK must remain
stable throughout the cycle. If
CE falls after WR falls or if
it rises before
WR rises, the effective WR is shortened.
Data must be valid before the rising edge of
WR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com