Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # 10NK80Z
Description  N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

10NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  10NK80Z Datasheet HTML 1Page - STMicroelectronics 10NK80Z Datasheet HTML 2Page - STMicroelectronics 10NK80Z Datasheet HTML 3Page - STMicroelectronics 10NK80Z Datasheet HTML 4Page - STMicroelectronics 10NK80Z Datasheet HTML 5Page - STMicroelectronics 10NK80Z Datasheet HTML 6Page - STMicroelectronics 10NK80Z Datasheet HTML 7Page - STMicroelectronics 10NK80Z Datasheet HTML 8Page - STMicroelectronics 10NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
March 2012
Doc ID 8911 Rev 7
1/17
17
STP10NK80Z, STP10NK80ZFP,
STW10NK80Z
N-channel 800 V, 0.78
Ω, 9 A Zener-protected SuperMESH™
Power MOSFETs in TO-220, TO-220FP and TO-247 packages
Datasheet — production data
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeability
Applications
■ Switching application
Description
These devices are N-channel Zener-protected
Power MOSFETs developed using
STMicroelectronics' SuperMESH™ technology,
achieved through optimization of ST's well
established strip-based PowerMESH™ layout. In
addition to a significant reduction in on-
resistance, this device is designed to ensure a
high level of dv/dt capability for the most
demanding applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STP10NK80Z
800V
<0.90
Ω
9A
160 W
STP10NK80ZFP
800V
<0.90
Ω
9A
40 W
STW10NK80Z
800V
<0.90
Ω
9A
160 W
TO-220
TO-220FP
TO-247
1
2
3
TAB
1
2
3
D(2,TAB)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Part number
Marking
Package
Packaging
STP10NK80Z
P10NK80Z
TO-220
Tube
STP10NK80ZFP
P10NK80ZFP
TO-220FP
Tube
STW10NK80Z
W10NK80Z
TO-247
Tube
www.st.com


Similar Part No. - 10NK80Z

ManufacturerPart #DatasheetDescription
logo
Lexmark International, ...
10N0016 LEXMARK-10N0016 Datasheet
42Kb / 1P
Original Lexmark Inkjet Cartridges
10N0026 LEXMARK-10N0026 Datasheet
42Kb / 1P
Original Lexmark Inkjet Cartridges
logo
Advanced Power Electron...
10N012 A-POWER-10N012 Datasheet
110Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
10N012 A-POWER-10N012 Datasheet
111Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
10N012 A-POWER-10N012 Datasheet
111Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 10NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF16NK60Z STMICROELECTRONICS-STF16NK60Z Datasheet
751Kb / 15P
N-channel 600 V, 038 Ω, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™Power MOSFET
04-Dec-2009
STP21N90K5 STMICROELECTRONICS-STP21N90K5 Datasheet
998Kb / 22P
N-channel 900 V, 0.25 廓 typ., 18.5 A Zener-protected SuperMESH??5 Power MOSFET in a D2PAK, TO-220FP, TO-220 and TO-247 packages
12-Oct-2012
STB13N80K5 STMICROELECTRONICS-STB13N80K5 Datasheet
1Mb / 20P
N-channel 800 V, 0.37, 12 A Zener-protected SuperMESH 5 Power MOSFET in D짼PAK, TO-220FP and TO-220 packages
15-Apr-2013
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_V01 Datasheet
695Kb / 22P
N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
28-Aug-2012
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
STF10NK50Z STMICROELECTRONICS-STF10NK50Z_V01 Datasheet
525Kb / 13P
N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
28-Mar-2012
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com