Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10NK80Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # 10NK80Z
Description  N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

10NK80Z Datasheet(HTML) 3 Page - STMicroelectronics

  10NK80Z Datasheet HTML 1Page - STMicroelectronics 10NK80Z Datasheet HTML 2Page - STMicroelectronics 10NK80Z Datasheet HTML 3Page - STMicroelectronics 10NK80Z Datasheet HTML 4Page - STMicroelectronics 10NK80Z Datasheet HTML 5Page - STMicroelectronics 10NK80Z Datasheet HTML 6Page - STMicroelectronics 10NK80Z Datasheet HTML 7Page - STMicroelectronics 10NK80Z Datasheet HTML 8Page - STMicroelectronics 10NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STP10NK80Z, STP10NK80ZFP, STW10NK80Z
Electrical ratings
Doc ID 8911 Rev 7
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/ TO-247
TO-220FP
VDSS
Drain-source voltage (VGS = 0)
800
V
VDGR
Drain-gate voltage (RGS = 20kΩ)800
V
VGS
Gate-source voltage
± 30V
ID
Drain current (continuous) at TC = 25°C
9
9(1)
1.
Limited by maximum junction temperature.
A
ID
Drain current (continuous) at TC=100°C
6
6(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
36
36(1)
A
PTOT
Total dissipation at TC = 25°C
160
40
W
Derating factor
1.28
0.32W/°C
Vesd(G-S)
G-S ESD (HBM C=100pF, R=1.5k
Ω)
4kV
dv/dt(3)
3.ISD ≤ 9 A, di/dt ≤ 200 A/µs,VDD ≤ V(BR)DSS, Tj ≤ TJMAX
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (DC)
--
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220 TO-220FP
TO-247
Rthj-case
Thermal resistance junction-case Max
0.78
3.1
0.78
°C/W
Rthj-a
Thermal resistance junction-ambient Max
62.5
50
°C/W
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
9A
EAS
Single pulse avalanche energy
(starting Tj=25°C, Id=Iar, Vdd=50V)
290
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com