| Electronic Components Datasheet Search |
|
STE2004DIE1 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004DIE1 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 66 page ![]() 29/66 STE2004 the eighth SCLK clock pulse during every byte transfer. If CS stays low after the last bit of a command/data byte, the serial interface expects the MSB of the next byte at the next SCLK positive edge. A reset pulse on RES pin interrupts the transmission. No data is written into the data RAM and all the internal registers are cleared. If CS is low after the positive edge of RES, the serial interface is ready to receive data. Throughout SDOUT can be read the driver I2C slave address or the status byte. The Command sequence that allows to read I2C slave address or Status byte is reported in Fig. 34 & 35. SDOUT is in High impedance in steady state and during data write. It is possible to short circuit SDOUT and SDIN and read I2C address or status Byte without any additional lines. Figure 34. 4-lines serial bus protocol - one byte transmission Figure 35. 4-lines serial bus protocol - several byte transmission Figure 36. 4-lines serial bus protocol - I2C Address or Status Byte Read MSB LSB D/C CS SDIN SCLK LR0071 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB7 DB6 DB5 D/C CS SDIN SCLK LR0072 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Don't Care CS SDIN SCLK High-Z DB1 DB0 High-Z Don't Care Don't Care Don't Care Don't Care Don't Care Don't Care Don't Care Command Write DATA Read DB7 DB6 DB5 DB4 DB3 DB2 SDOUT High-Z DB1 DB0 High-Z DB7 DB6 DB5 DB4 DB3 DB2 ID Number STATUS BYTE LR00076 D/C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |