Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE2004DIE1 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STE2004DIE1
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE1 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STE2004DIE1 Datasheet HTML 34Page - STMicroelectronics STE2004DIE1 Datasheet HTML 35Page - STMicroelectronics STE2004DIE1 Datasheet HTML 36Page - STMicroelectronics STE2004DIE1 Datasheet HTML 37Page - STMicroelectronics STE2004DIE1 Datasheet HTML 38Page - STMicroelectronics STE2004DIE1 Datasheet HTML 39Page - STMicroelectronics STE2004DIE1 Datasheet HTML 40Page - STMicroelectronics STE2004DIE1 Datasheet HTML 41Page - STMicroelectronics STE2004DIE1 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
STE2004
38/66
No instruction can be programmed for a period equivalent to 102X8 internal write cycles (102X8X1/fclock).
The start of Checker-board procedure will be between one and two fclock cycles from the last active edge
(E falling edge for the parallel interface, last SCLK rising edge for the Serial & SPI interfaces, last SCL
rising edge for the I2C interface).
5.5 Scrolling Function
The STE2004 can scroll the graphics display in units of raster-rows. The scrolling function is achieved
changing the correspondence between the rows of the logical memory map and the output row drivers.
The scroll function doesn't affect the data ram content. It is only related to the visualization process. The
information output on the drivers is related to the row reading sequence (the 1st row read is output on R0,
the 2nd on R1 and so on). Scrolling means reading the matrix starting from a row that is sequentially in-
creased or decreased. After every scrolling command the offset between the memory address and the
memory scanning pointer is increased or decreased by one. The offset range changes in accordance with
MUX Rate. After 64th/65th scrolling commands in MUX 65 mode, or after the 48th/49th scrolling com-
mands in mux 49 mode, or after 32nd/33rd scrolling command in MUX 33 mode, the offset between the
memory address and the memory scanning pointer is again zero (Cyclic Scrolling).
A Reset Scrolling Pointer instruction can be executed to force to zero the offset between the memory ad-
dress and the memory scanning pointer
If ICON MODE =1, the Icon Row is not scrolled. If ICON MODE=0 the last row is like a general purpose
row and it is scrolled as other lines.
If the DIR Bit is set to a logic zero the offset register is increased by one and the raster is scrolled from top
down. If the DIR Bit is set to a logic one the offset register is decreased by one and the raster is scrolled
from bottom-up.
Table 8.
5.6 Dual Partial Display
If the PE Bit is set to a logic one the dual partial display mode is enabled.
Eight partial display modes are available. The offset of the two partial display zones is row by row pro-
grammable. The Icon row is accessed last in each partial display frame.
Two sets of register for the HV-generator parameters are provided (PRS[1:0], Vop[6:0], BS[2:0], CP[2:0].).
This allows switching from normal mode to partial display mode only with one instruction. The HV gener-
ator is automatically re configured using the parameters related to the enabled mode. The parameters of
the two sets of registers with the same function are located in the same position of the instruction set. The
registers related to the normal mode are accessible when normal mode (PE=0) is selected, the others are
accessible when the partial display mode is enabled (PE=1). To Setup PRS[1:0], Vop[6:0], BS[2:0],
CP[2:0] values the instruction flow proposed in Fig. 54 must be followed. To setup Partial Display Sectors
Start Address and Partial Display Mode no particular instruction flow has to be followed.
MUX RATE
ICON MODE
DESCRIPTION
ICON Row Driver with MY=0
MUX 33
1
ICON ROW NOT SCROOLED
R48
MUX 33
0
33 LINE GRAPHIC MATRIX
R48
MUX 49
1
ICON ROW NOT SCROOLED
R56
MUX 49
0
49 LINE GRAPHIC MATRIX
R56
MUX 65
1
ICON ROW NOT SCROOLED
R64
MUX 65
0
65 LINE GRAPHIC MATRIX
R64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com