Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30SM100SR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30SM100SR
Description  100 V, 30 A power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM100SR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30SM100SR Datasheet HTML 1Page - STMicroelectronics STPS30SM100SR Datasheet HTML 2Page - STMicroelectronics STPS30SM100SR Datasheet HTML 3Page - STMicroelectronics STPS30SM100SR Datasheet HTML 4Page - STMicroelectronics STPS30SM100SR Datasheet HTML 5Page - STMicroelectronics STPS30SM100SR Datasheet HTML 6Page - STMicroelectronics STPS30SM100SR Datasheet HTML 7Page - STMicroelectronics STPS30SM100SR Datasheet HTML 8Page - STMicroelectronics STPS30SM100SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
K
K
A
A
A
A
D²PAK
A
K
A
A
K
A
TO-220AB
K
A
A
K
K
I²PAK
Features
•
High current capability
•
Avalanche rated
•
Low forward voltage drop
•
High frequency operation
•
ECOPACK®2 compliant components (for D²PAK on demand)
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
LED lighting
•
Desktop power supply
Description
This single Schottky rectifier is suited for high frequency switch mode power supply.
Packaged in TO-220AB, D²PAK and I²PAK, the STPS30SM100S is optimized for use
in notebook and game station adapters, providing in these applications a good
efficiency at both low and high load.
Product status link
STPS30SM100S
Product summary
IF(AV)
30 A
VRRM
100 V
Tj (max.)
150 °C
VF (typ.)
0.63 V
100 V, 30 A power Schottky rectifier
STPS30SM100S
Datasheet
DS6167 - Rev 7 - February 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS30SM100SR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30SM100S STMICROELECTRONICS-STPS30SM100S Datasheet
157Kb / 11P
Power Schottky rectifier
15-Sep-2011
STPS30SM100S STMICROELECTRONICS-STPS30SM100S Datasheet
157Kb / 11P
Power Schottky rectifier
15-Sep-2011
STPS30SM100SG-TR STMICROELECTRONICS-STPS30SM100SG-TR Datasheet
157Kb / 11P
Power Schottky rectifier
15-Sep-2011
More results

Similar Description - STPS30SM100SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS1230SF STMICROELECTRONICS-STPS1230SF Datasheet
322Kb / 9P
30 V power Schottky rectifier
DS12695 - Rev 1 - July 2018
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com