Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30SM100SR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30SM100SR
Description  100 V, 30 A power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM100SR Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30SM100SR Datasheet HTML 1Page - STMicroelectronics STPS30SM100SR Datasheet HTML 2Page - STMicroelectronics STPS30SM100SR Datasheet HTML 3Page - STMicroelectronics STPS30SM100SR Datasheet HTML 4Page - STMicroelectronics STPS30SM100SR Datasheet HTML 5Page - STMicroelectronics STPS30SM100SR Datasheet HTML 6Page - STMicroelectronics STPS30SM100SR Datasheet HTML 7Page - STMicroelectronics STPS30SM100SR Datasheet HTML 8Page - STMicroelectronics STPS30SM100SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
20
3 0
40
50
60
70
8 0
90
100
Tj = 150 °C
Tj= 125 °C
Tj = 25 °C
Tj= 100 °C
Tj = 75 °C
Tj = 50 °C
IR(mA)
VR(V)
Figure 6. Junction capacitance versus reverse voltage
applied (typical values)
100
1000
10000
1
1 0
100
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
VR(V)
C(pF)
Figure 7. Forward voltage drop versus forward current (terminals 1 and 3 short circuited)
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj = 25 °C
(Maximum values)
Tj=125°C
(Maximum values)
Tj = 125 °C
(Maximum values)
Tj=125°C
(Typical values)
Tj = 125 °C
(Typical values)
V (V)
F
IF(A)
STPS30SM100S
Characteristics (curves)
DS6167 - Rev 7
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com