Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE80-VMP6TG Datasheet(PDF) 59 Page - STMicroelectronics

Part # M25PE80-VMP6TG
Description  8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE80-VMP6TG Datasheet(HTML) 59 Page - STMicroelectronics

Back Button M25PE80-VMP6TG Datasheet HTML 53Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 54Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 55Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 56Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 57Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 58Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 59Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 60Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
M25PE80
Revision history
59/61
14
Revision history
Table 29.
Document revision history
Date
Version
Changes
24-Nov-2004
0.1
First Issue.
07-Dec-2004
0.2
4KB Software protection granularity extended to Sector 15.
10-May-2005
0.3
SO16W package removed, SO8W package added.
End timing line of tSHQZ modified in Figure 28: Output timing. Plating
Technology options modified in Table 28: Ordering information scheme.
Minor text changes.
Tables 2 and 3 and Figure 6 for details on the software protection scheme.
25-Jul-2005
0.4
Lock Register programming sequence detailed in Section Write to Lock
Register (WRLR).
Sections An easy way to modify data, A fast way to modify data, Page
Write (PW) and Page Program (PP), updated to explain when using Page
Write and Page Program instructions.
Bulk Erase cycle time (tBE), Page Write cycle time (tPW) and Page
Program cycle time (tPP) updated in Table 21: AC characteristics.
24-Aug-2005
1.0
Version number updated for internet. No document changes.
25-Aug-2005
2.0
Document status updated to Preliminary Data.
22-Nov-2005
3.0
Page Program cycle time, tPP, and Page Write Cycle Time (n Bytes), tPW,
updated in Table 21: AC characteristics. I
CC3 modified in Table 20: DC
characteristics.
tSLCH, tCHSL, tCHSH, tSHCH and tBE modified in Table 21: AC
characteristics.
MLP package renamed. Under Plating technology, Blank option removed.
Note 3 to Table 21 modified. Address modified in Figure 6: Block diagram.
Note added to Figure 30 and Figure 31.
Document status promoted from Preliminary Data to full Datasheet status.
12-May-2006
4
Don’t care address bits modified in Note 1 (below Figure 12), Note 1
(below Figure 13), Note 1 (below Figure 15), Note 1 (below Figure 16),
Note 1 (below Figure 18) and Note 1 (below Figure 20).
Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com