Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE80-VMP6TG Datasheet(PDF) 37 Page - STMicroelectronics

Part # M25PE80-VMP6TG
Description  8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE80-VMP6TG Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M25PE80-VMP6TG Datasheet HTML 33Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 34Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 35Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 36Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 37Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 38Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 39Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 40Page - STMicroelectronics M25PE80-VMP6TG Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
M25PE80
Instructions
37/61
For products processed in the T7Y process only (see Important note):
Protection always prevails:
●
When the Lock Down Bit of Sector 0 or Sector 15 is set to ‘1’.
–
If the Lock Down Bit of Sector 0 is ‘1’, all the Lock Down Bits of the subsectors in
Sector 0 are forced to ‘1’.
–
If the Lock Down Bit of Sector 15 is ‘1’, all the Lock Down Bits of the subsectors in
Sector 15 are forced to ‘1’
●
When the Write Lock Bit of Sector 0 or Sector 15 is set to ‘1’.
–
if the Write Lock Bit of Sector 0 is ‘1’, the Write Lock Bits of all the subsectors in
Sector 0 are forced to ‘1’ (even if their Lock Down Bits are set to ‘1’).
–
if the Write Lock Bit of Sector 15 is ‘1’, the Write Lock Bits of all the subsectors in
Sector 15 are forced to ‘1’ (even if their Lock Down Bits are set to ‘1’).
●
When the Write Lock Bit of Sector 0 or Sector 15 is reset to ‘0’.
–
if the Write Lock Bit of Sector 0 is ‘0’, all the subsectors in Sector 0 whose Lock
Down Bit is ‘0’ have their Write Lock Bits forced to ‘0’.
–
if the Write Lock Bit of Sector 15 is ‘0’, all the subsectors in Sector 15 whose Lock
Down Bit is ‘0’ have their Write Lock Bits forced to ‘0’.
●
When the Write Lock Bit of any sector or subsector is set to ‘1’, any instruction that may
modify the contents of this sector or subsector will be rejected (including Sector Erase
and Bulk Erase).
Note that when the WRLR instruction acts both on Write Lock (WL) and Lock Down (LD)
bits, it firstly programs the WL bit, and then the LD bit.
As an example, if a subsector Lock Register settings are xxxx0101b and a WRLR instruction
is issued with a Lock Register In data set to 00000010b:
1.
the sector WL bit is first set to ‘0’ (and all subsectors that are not locked-down will have
their WL bit reset to ‘0’).
2.
the sector LD bit and all subsectors LD bits are set to ‘1’. In this case, the final value of
the above subsector Lock Register is xxxx1010b.
Table 13.
Not for new design: Lock Registers for the M25PE80 in T7Y process(1)
1.
The table rows in gray are true for products processed in the T7Y process only.
Sector
Bit
Value
All Sectors in T9HX process
All Sectors except for Sector 0
and Sector 15 in T7Y process
b7-b2
‘0’
b1
Sector Lock Down Bit Value (refer to Table 11)
b0
Sector Write Lock Bit Value (refer to Table 11)
Sector 0, Sector 15 in T7Y
process
b7
‘1’
Only b3 and b2 are taken into account to modify
the subsector Write Lock and Lock Down bits(2)
2.
b6-b4 and b1-b0 must be reset to ‘0’.
‘0’
Only b1 and b0 are taken into account to modify
the sector Write Lock and Lock Down bits(3)
3.
b6-b2 must be reset to ‘0’.
b3
Subsector Lock Down Bit value (refer to Table 11)
b2
Subsector Write Lock Bit Value (refer to Table 11)
b1
Sector Lock Down Bit Value (refer to Table 11)
b0
Sector Write Lock Bit Value (refer to Table 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com