Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC4053PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC4053PW
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4053PW Datasheet HTML 5Page - NXP Semiconductors 74HC4053PW Datasheet HTML 6Page - NXP Semiconductors 74HC4053PW Datasheet HTML 7Page - NXP Semiconductors 74HC4053PW Datasheet HTML 8Page - NXP Semiconductors 74HC4053PW Datasheet HTML 9Page - NXP Semiconductors 74HC4053PW Datasheet HTML 10Page - NXP Semiconductors 74HC4053PW Datasheet HTML 11Page - NXP Semiconductors 74HC4053PW Datasheet HTML 12Page - NXP Semiconductors 74HC4053PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
9 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
RON(rail)
ON resistance (rail)
Vis = VEE; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V; IS = 100 µA
[1] -
150
-
Ω
VCC = 4.5 V; VEE = 0 V; IS = 1000 µA
-
80
140
Ω
VCC = 6.0 V; VEE = 0 V; IS = 1000 µA
-
70
120
Ω
VCC = 4.5 V; VEE = −4.5 V; IS = 1000 µA
-
60
105
Ω
Vis = VCC; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V; IS = 100 µA
[1] -
150
-
Ω
VCC = 4.5 V; VEE = 0 V; IS = 1000 µA
-
90
160
Ω
VCC = 6.0 V; VEE = 0 V; IS = 1000 µA
-
80
140
Ω
VCC = 4.5 V; VEE = −4.5 V; IS = 1000 µA
-
65
120
Ω
∆RON
ON resistance
mismatch between
channels
Vis = VCC to VEE; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V
[1] ---
Ω
VCC = 4.5 V; VEE = 0 V
-
9
-
Ω
VCC = 6.0 V; VEE = 0 V
-
8
-
Ω
VCC = 4.5 V; VEE = −4.5 V
-
6
-
Ω
Tamb = −40 °C to +85 °C
RON(peak) ON resistance (peak)
Vis = VCC to VEE; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V; IS = 100 µA
[1] ---
Ω
VCC = 4.5 V; VEE = 0 V; IS = 1000 µA
-
-
225
Ω
VCC = 6.0 V; VEE = 0 V; IS = 1000 µA
-
-
200
Ω
VCC = 4.5 V; VEE = −4.5 V; IS = 1000 µA
-
-
165
Ω
RON(rail)
ON resistance (rail)
Vis = VEE; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V; IS = 100 µA
[1] ---
Ω
VCC = 4.5 V; VEE = 0 V; IS = 1000 µA
-
-
175
Ω
VCC = 6.0 V; VEE = 0 V; IS = 1000 µA
-
-
150
Ω
VCC = 4.5 V; VEE = −4.5 V; IS = 1000 µA
-
-
130
Ω
Vis = VCC; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V; IS = 100 µA
[1] ---
Ω
VCC = 4.5 V; VEE = 0 V; IS = 1000 µA
-
-
200
Ω
VCC = 6.0 V; VEE = 0 V; IS= 1000 µA
-
-
175
Ω
VCC = 4.5 V; VEE = −4.5 V; IS = 1000 µA
-
-
150
Ω
Tamb = −40 °C to +125 °C
RON(peak) ON resistance (peak)
Vis = VCC to VEE; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V; IS = 100 µA
[1] ---
Ω
VCC = 4.5 V; VEE = 0 V; IS = 1000 µA
-
-
270
Ω
VCC = 6.0 V; VEE = 0 V; IS = 1000 µA
-
-
240
Ω
VCC = 4.5 V; VEE = −4.5 V; IS = 1000 µA
-
-
195
Ω
Table 7:
RON resistance per switch 74HC4053 and 74HCT4053 …continued
For test circuit see Figure 8.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
74HC4053 supply voltages: VCC − GND or VCC − VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
74HCT4053 supply voltages: VCC − GND = 4.5 V or 5.5 V; VCC − VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com