Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC4053PW Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74HC4053PW
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053PW Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74HC4053PW Datasheet HTML 17Page - NXP Semiconductors 74HC4053PW Datasheet HTML 18Page - NXP Semiconductors 74HC4053PW Datasheet HTML 19Page - NXP Semiconductors 74HC4053PW Datasheet HTML 20Page - NXP Semiconductors 74HC4053PW Datasheet HTML 21Page - NXP Semiconductors 74HC4053PW Datasheet HTML 22Page - NXP Semiconductors 74HC4053PW Datasheet HTML 23Page - NXP Semiconductors 74HC4053PW Datasheet HTML 24Page - NXP Semiconductors 74HC4053PW Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
21 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
[1]
VI values:
a) For
74HC4053: VI =VCC.
b) For
74HCT4053: VI =3V.
Test data is given in Table 13.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistor.
S1 = Test selection switch.
Fig 14. Load circuitry for switching times
Table 13:
Test data
Test
Input
Load
S1 position
VI
Vis
tr, tf
CL
RL
at fmax
other
tPHL, tPLH
[1]
pulse
< 2 ns
6 ns
15 pF, 50 pF
1 k
Ω
open
tPZH, tPHZ
[1]
VCC
< 2 ns
6 ns
15 pF, 50 pF
1 k
Ω
VEE
tPZL, tPLZ
[1]
VEE
< 2 ns
6 ns
15 pF, 50 pF
1 k
Ω
VCC
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae382
VCC
VCC
open
GND
VEE
VI
Vos
DUT
CL
RT
RL
S1
PULSE
GENERATOR
Vis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com