Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

13005A Datasheet(PDF) 1 Page - STMicroelectronics

Part # 13005A
Description  High voltage fast-switching NPN power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

13005A Datasheet(HTML) 1 Page - STMicroelectronics

  13005A Datasheet HTML 1Page - STMicroelectronics 13005A Datasheet HTML 2Page - STMicroelectronics 13005A Datasheet HTML 3Page - STMicroelectronics 13005A Datasheet HTML 4Page - STMicroelectronics 13005A Datasheet HTML 5Page - STMicroelectronics 13005A Datasheet HTML 6Page - STMicroelectronics 13005A Datasheet HTML 7Page - STMicroelectronics 13005A Datasheet HTML 8Page - STMicroelectronics 13005A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
May 2012
Doc ID 5262 Rev 10
1/12
12
ST13005
High voltage fast-switching NPN power transistor
Datasheet
−production data
Features
■ Low spread of dynamic parameters
■ Minimum lot-to-lot spread for reliable operation
■ Very high switching speed
Applications
■ Electronic ballast for fluorescent lighting
■ Switch mode power supplies
Description
This device is manufactured using high voltage
multi epitaxial planar technology for high switching
speeds and high voltage capability. It uses a
cellular emitter structure with planar edge
termination to enhance switching speeds while
maintaining a wide RBSOA.
Figure 1.
Internal schematic diagram
TO-220
1
2
3
Table 1.
Device summary
Order code
Marking(1)
Package
Packaging
ST13005
13005 A
13005 C
13005 D
13005 E
13005 F
TO-220
Tube
1.
Product is pre-selected in DC current gain (group A, C, D, E and F). STMicroelectronics reserves the right to ship either
groups according to production availability. Please contact your nearest STMicroelectronics sales office for delivery details.
www.st.com


Similar Part No. - 13005A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jingdao Electr...
13005A JINGDAO-13005A Datasheet
119Kb / 3P
Bipolar Junction Transistor
13005AD JINGDAO-13005AD Datasheet
127Kb / 3P
Bipolar Junction Transistor
13005ADL JINGDAO-13005ADL Datasheet
126Kb / 3P
Bipolar Junction Transistor
logo
METZ CONNECT GmbH
13005AP1200-E METZ-13005AP1200-E Datasheet
787Kb / 12P
C6Amodul 180° jack
2023/02/15 Version: AU
13005AP300-E METZ-13005AP300-E Datasheet
1Mb / 10P
C6Amodul 270° jack
2023/02/15 Version: AP
More results

Similar Description - 13005A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com