Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

13005A Datasheet(PDF) 4 Page - STMicroelectronics

Part # 13005A
Description  High voltage fast-switching NPN power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

13005A Datasheet(HTML) 4 Page - STMicroelectronics

  13005A Datasheet HTML 1Page - STMicroelectronics 13005A Datasheet HTML 2Page - STMicroelectronics 13005A Datasheet HTML 3Page - STMicroelectronics 13005A Datasheet HTML 4Page - STMicroelectronics 13005A Datasheet HTML 5Page - STMicroelectronics 13005A Datasheet HTML 6Page - STMicroelectronics 13005A Datasheet HTML 7Page - STMicroelectronics 13005A Datasheet HTML 8Page - STMicroelectronics 13005A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
ST13005
4/12
Doc ID 5262 Rev 10
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 700 V
VCE = 700 V TC=125 °C
1
5
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB= 9 V
1
mA
VCEO(sus)
(1)
1.
Pulse test: pulse duration = 300 µs, duty cycle
≤2 %.
Collector-emitter
sustaining voltage (IB = 0)
IC =10 mA
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 1 A
_
IB = 0.2 A
IC = 2 A
IB = 0.5 A
IC = 4 A __
IB = 1 A
0.5
0.6
1
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 1 A
_
_IB = 0.2 A
IC = 2 A
_
IB = 0.5 A
1.2
1.6
V
V
hFE
(1)(2)
2.
Product is pre-selected in DC current gain (group A, C, D, E and F). STMicroelectronics reserves the right
to ship either groups according to production availability. Please contact your nearest STMicroelectronics
sales office for delivery details
DC current gain
IC = 1 A
VCE = 5 V
Group A
Group C
Group D
Group E
Group F
IC = 2 A
VCE = 5 V
15
16
21
26
31
8
32
22
27
32
37
40
ts
tf
Resistive load
Storage time
Fall time
IC = 2 A
VCC = 125 A
IB1= - IB2=0.4 A
tp = 30 µs
1.5
0.2
3µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com