Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2030-I/ST Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP2030-I/ST
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030-I/ST Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP2030-I/ST Datasheet HTML 37Page - Microchip Technology MCP2030-I/ST Datasheet HTML 38Page - Microchip Technology MCP2030-I/ST Datasheet HTML 39Page - Microchip Technology MCP2030-I/ST Datasheet HTML 40Page - Microchip Technology MCP2030-I/ST Datasheet HTML 41Page - Microchip Technology MCP2030-I/ST Datasheet HTML 42Page - Microchip Technology MCP2030-I/ST Datasheet HTML 43Page - Microchip Technology MCP2030-I/ST Datasheet HTML 44Page - Microchip Technology MCP2030-I/ST Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 41
MCP2030
FIGURE 5-5:
Modulation Depth Examples.
(a) Modulation Depth Definition
(b) Input signal vs. minimum modulation depth setting vs. LFDATA output
B
A
A - B
A + B
X 100%
Modulation Depth (%) =
10 - 7
10 + 7
X 100% = 17.64%
Amplitude
10 mVPP
7 mVPP
Amplitude
Modulation Depth (%) =
t
t
Demodulated LFDATA Output when MODMIN Setting = 14%
Demodulated LFDATA Output if MODMIN Setting = 33%
Input signal with modulation depth = 17.64%
Coil Input Strength
Amplitude
0
(LFDATA output = not toggled)
t
t
(LFDATA output = toggled)
Input Signal
Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com