Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2030-I/ST Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2030-I/ST
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030-I/ST Datasheet(HTML) 5 Page - Microchip Technology

  MCP2030-I/ST Datasheet HTML 1Page - Microchip Technology MCP2030-I/ST Datasheet HTML 2Page - Microchip Technology MCP2030-I/ST Datasheet HTML 3Page - Microchip Technology MCP2030-I/ST Datasheet HTML 4Page - Microchip Technology MCP2030-I/ST Datasheet HTML 5Page - Microchip Technology MCP2030-I/ST Datasheet HTML 6Page - Microchip Technology MCP2030-I/ST Datasheet HTML 7Page - Microchip Technology MCP2030-I/ST Datasheet HTML 8Page - Microchip Technology MCP2030-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 5
MCP2030
Demodulator Discharge Time (delay time
of demodulated output to fall)
TDF
—50
—
μsV
DD = 3.0V
MOD depth setting = 33%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 100%
Rise time of LFDATA
TRLFDATA
—0.5
—
μsV
DD = 3.0V. Time is measured from 10% to
90% of amplitude
Fall time of LFDATA
TFLFDATA
—0.5
—
μsV
DD = 3.0V
Time is measured from 10% to 90% of
amplitude
AGC stabilization time
(TAGC + TPAGC)
TSTAB
4——
ms
AGC initialization time
TAGC
—3.5
—
ms
High time after AGC initialization time
TPAGC
—62.5
—
μs
Gap time after AGC stabilization time
TGAP
200
—
—
μs
Time element of pulse
TE
100
—
—
μs
Minimum pulse width
Time from exiting Sleep or POR to being
ready to receive signal
TRDY
——
50*
ms
Minimum time AGC level must be held
after receiving AGC Preserve command
TPRES
5*
—
—
ms
AGC level must not change more than 10%
during TPRES.
Internal RC oscillator frequency
FOSC
27
32
35.5
kHz
Internal clock trimmed at 32 kHz during test
Inactivity timer time-out
TINACT
13.5
16
17.75
ms
512 cycles of RC oscillator @ FOSC
Alarm timer time-out
TALARM
27
32
35.5
ms
1024 cycles of RC oscillator @ FOSC
LC Pin Input Resistance for
LCX, LCY, LCZ pins
RIN
—
800*
—
k
Ω
LCCOM grounded, VDD = 3V,
FCARRIER = 125 kHz.
LC Pin Input Parasitic Capacitance for
LCX, LCY, LCZ pins
CIN
—24*
—
pF
LCCOM grounded, VDD = 3V,
FCARRIER = 125 kHz.
Minimum output enable filter high time
OEH (Bits Config0<8:7>)
01
= 1 ms
10
= 2 ms
11
= 4 ms
00
= Filter Disabled
TOEH
32 (~1 ms)
64 (~2 ms)
128 (~4 ms)
—
—
—
—
—
—
—
—
—
clock
count
RC oscillator = FOSC (see FOSC specification
for variations).
Viewed from the pin input:
(Note 1)
Minimum output enable filter low time
OEL (Bits Config0<6:5>)
00
= 1 ms
01
= 1 ms
10
= 2 ms
11
= 4 ms
TOEL
32 (~1 ms)
32 (~1 ms)
64 (~2 ms)
128 (~4 ms)
—
—
—
—
—
—
—
—
clock
count
RC oscillator = FOSC
Viewed from the pin input:
(Note 2)
Maximum output enable filter period
OEH
OEL
TOEH
TOEL
01
00
= 1 ms
1 ms (Filter 1)
01
01
= 1 ms
1 ms (Filter 1)
01
10
= 1 ms
2 ms (Filter 2)
01
11
= 1 ms
4 ms (Filter 3)
TOET
—
—
—
—
—
—
—
—
96 (~3 ms)
96 (~3 ms)
128 (~4 ms)
192 (~6 ms)
clock
count
RC oscillator = FOSC
10
00
= 2 ms
1 ms (Filter 4)
10
01
= 2 ms
1 ms (Filter 4)
10
10
= 2 ms
2 ms (Filter 5)
10
11
= 2 ms
4 ms (Filter 6)
—
—
—
—
—
—
—
—
128 (~4 ms)
128 (~4 ms)
160 (~5 ms)
250 (~8 ms)
11
00
= 4 ms
1 ms (Filter 7)
11
01
= 4 ms
1 ms (Filter 7)
11
10
= 4 ms
2 ms (Filter 8)
11
11
= 4 ms
4 ms (Filter 9)
—
—
—
—
—
—
—
—
192 (~6 ms)
192 (~6 ms)
256 (~8 ms)
320 (~10 ms)
00
XX
=
Filter Disabled
—
—
—
LFDATA output appears as long as input
signal level is greater than VSENSE.
AC Characteristics (Continued)
Electrical Specifications: Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TA ≤ +85°C
LCCOM connected to VSS
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Parameters
Sym.
Min.
Typ†
Max.
Units
Conditions
*
Parameter is characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
Required output enable filter high time must account for input path analog delays (= TOEH - TDR + TDF).
2:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com