Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2030T-I/ST Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP2030T-I/ST
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030T-I/ST Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP2030T-I/ST Datasheet HTML 35Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 36Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 37Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 38Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 39Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 40Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 41Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 42Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 39
MCP2030
TABLE 5-2:
INPUT SENSITIVITY VS. MODULATED SIGNAL STRENGTH SETTING (AGCSIG <7>)
5.17
Input Channels (Enable/Disable)
Each channel can be individually enabled or disabled
by programming bits in Configuration Register 0<3:1>
(Register 5-1).
The purpose of having an option to disable a particular
channel is to minimize current draw by powering down
as much circuitry as possible, if the channel is not
needed for operation. The exact circuits disabled when
an input is disabled are amplifiers, detector, full-wave
rectifier, data slicer, and modulation FET. However, the
RF input limiter remains active to protect the silicon
from excessive antenna input voltages.
5.18
AGC Amplifier
The circuit automatically amplifies input signal voltage
levels to an acceptable level for the data slicer. Fast
attack and slow release by nature, the AGC tracks the
carrier signal level and not the modulated data bits.
The AGC inherently tracks the strongest of the three
antenna input signals. The AGC requires an AGC
initialization time (TAGC).
The AGC will attempt to regulate a channel’s peak
signal voltage into the data slicer to a desired regulated
AGC voltage – reducing the input path’s gain as the
signal level attempts to increase above regulated AGC
voltage, and allowing full amplification on signal levels
below the regulated AGC voltage.
The AGC has two modes of operation:
1.
During the AGC initialization time (TAGC), the
AGC time constant is fast, allowing a reasonably
short acquisition time of the continuous input
signal.
2.
After TAGC, the AGC switches to a slower time
constant for data slicing.
Also, the AGC is frozen when the input signal envelope
is low. The AGC tracks only high envelope levels.
5.19
AGC Preserve
The AGC preserve feature is used to preserve the AGC
value during the AGC initialization time (TAGC) and
apply the value to the data slicing circuit for the follow-
ing data streams instead of using a new tracking value.
This feature is useful to demodulate the input signal
correctly when the input has random amplitude varia-
tions at a given time period. This feature is enabled
when the device receives an AGC Preserve On com-
mand and disabled if it receives an AGC Preserve Off
command. Once the AGC Preserve On command is
received, the device acquires a new AGC value during
each AGC initialization time and preserves the value
until a Soft Reset or an AGC Preserve Off command is
issued. Therefore, it does not need to issue another
AGC Preserve On command. An AGC Preserve Off
command is needed to disable the AGC preserve
feature (see Section 5.31.2.5 “AGC Preserve On
Command” and Section 5.31.2.6 “AGC Preserve Off
Command” for AGC Preserve commands).
AGCSIG<7>
(Config. Register 5)
Description
Input
Sensitivity
(Typical)
0
Option Disabled – Detect any input signal level (demodulated data and
carrier clock).
3.0 mVPP
1
Option Enabled – No output until AGC Status = 1 (i.e., VPEAK ≈ 20 mVPP)
(demodulated data and carrier clock).
• Provides the best signal to noise ratio.
20 mVPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com