Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2030T-I/ST Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP2030T-I/ST
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030T-I/ST Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP2030T-I/ST Datasheet HTML 45Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 46Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 47Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 48Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 49Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 50Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 51Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 52Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 49
MCP2030
5.31.2
COMMAND DECODER/
CONTROLLER
The circuit executes 8 SPI commands from the external
MCU. The command structure is:
Command (3 bits) + Configuration Address (4 bits) +
Data Byte and Row Parity Bit with the Most Significant
bit first. Table 5-5 shows the available SPI commands.
The device operates in SPI mode 0,0. In mode 0,0 the
clock idles in the low state (Figure 5-12). SDI data is
loaded into the device on the rising edge of SCLK and
SDO data is clocked out on the falling edge of SCLK.
There must be multiples of 16 clocks (SCLK) while CS
is low or commands will abort.
TABLE 5-5:
SPI COMMANDS
Command
Address
Data
Row
Parity
Description
Command only – Address and Data are “Don’t Care”, but need to be clocked in regardless.
000
XXXX
XXXX XXXX
X
Clamp on – enable modulation circuit
001
XXXX
XXXX XXXX
X
Clamp off – disable modulation circuit
010
XXXX
XXXX XXXX
X
Enter Sleep mode (any other command wakes the AFE)
011
XXXX
XXXX XXXX
X
AGC Preserve On – to temporarily preserve the current AGC level
100
XXXX
XXXX XXXX
X
AGC Preserve Off – AGC again tracks strongest input signal
101
XXXX
XXXX XXXX
X
Soft Reset – resets various circuit blocks
Read Command – Data will be read from the specified register address.
110
0000
Config Byte 0
P
General – options that may change during normal operation
0001
Config Byte 1
P
LCX antenna tuning and LFDATA output format
0010
Config Byte 2
P
LCY antenna tuning
0011
Config Byte 3
P
LCZ antenna tuning
0100
Config Byte 4
P
LCX and LCY sensitivity reduction
0101
Config Byte 5
P
LCZ sensitivity reduction and modulation depth
0110
Column Parity
P
Column parity byte for Config Byte 0 -> Config Byte 5
0111
Status
X
Status – parity error, which input is active, etc.
Write Command – Data will be written to the specified register address.
111
0000
Config Byte 0
P
Output enable filter, channel enable/disable, etc.
0001
Config Byte 1
P
LCX antenna tuning and LFDATA output type
0010
Config Byte 2
P
LCY antenna tuning
0011
Config Byte 3
P
LCZ antenna tuning
0100
Config Byte 4
P
LCX and LCY sensitivity reduction
0101
Config Byte 5
P
LCZ sensitivity reduction and modulation depth
0110
Column Parity
P
Column parity byte for Config Byte 0 -> Config Byte 5
0111
Not Used
X
Register is readable, but not writable
Note:
‘P’ denotes the row parity bit (odd parity) for the respective data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com