Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFAH1602A-RNG-JP Datasheet(PDF) 17 Page - Crystalfontz America, Inc.

Part # CFAH1602A-RNG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAH1602A-RNG-JP Datasheet(HTML) 17 Page - Crystalfontz America, Inc.

Back Button CFAH1602A-RNG-JP Datasheet HTML 12Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 13Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 14Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 15Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 16Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 17Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 18Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 19Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 20Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
Power on
RS R/W DB7 DB6 DB5 DB4
000
0
1
1
Wait for more than 15 ms after VCC rises to 4.5 V
Wait for more than 4.1 ms
Wait for more than 100
µs
0
DB4
DB7
0
0
RS R/W
1
00
DB6 DB5
000
0
1
0
00
N
F
**
000
000
Initialization ends
BF can not be checked before this instruction.
Function set ( Interface is 8 bits long. )
Function set ( Interface is 8 bits long. )
BF can not be checked before this instruction.
BF can not be checked before this instruction.
Function set ( Interface is 8 bits long. )
BF can be checked after the following instructions.
When BF is not checked , the waiting time between
instructions is longer than execution instruction time.
Function set ( Set interface to be 4 bits long. )
Interface is 8 bits in length.
Function set ( Interface is 4 bits long. Specify
the number of display lines and character font. )
The number of display lines and character font
can not be changed after this point.
Display off
Display clear
Entry mode set
4-Bit Ineterface
0
DB6
RS R/W
00
DB7
0
DB4
DB5
11
DB6
0
RS R/W
00
DB7
0
DB4
DB5
11
00
1
000
000
000
000
00
1
000
000
000
0
I/D
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com