Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFAH1602A-RNG-JP Datasheet(PDF) 9 Page - Crystalfontz America, Inc.

Part # CFAH1602A-RNG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAH1602A-RNG-JP Datasheet(HTML) 9 Page - Crystalfontz America, Inc.

Back Button CFAH1602A-RNG-JP Datasheet HTML 5Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 6Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 7Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 8Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 9Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 10Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 11Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 12Page - Crystalfontz America, Inc. CFAH1602A-RNG-JP Datasheet HTML 13Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
)XQFWLRQ'HVFULSWLRQ
The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an
instruction register (IR) and a data register (DR).
The IR stores instruction codes, such as display clear and cursor shift, and address information
for display data RAM (DDRAM) and character generator (CGRAM). The IR can only be written
from the MPU.
The DR temporarily stores data to be written or read from DDRAM or
CGRAM.
When address information is written into the IR, then data is stored into the DR from
DDRAM or CGRAM.
By the register selector (RS) signal, these two registers can be selected.
RS
R/W
Operation
0
0
IR write as an internal operation (display clear, etc.)
0
1
Read busy flag (DB7) and address counter (DB0 to DB7)
1
0
Write data to DDRAM or CGRAM (DR to DDRAM or CGRAM)
1
1
Read data from DDRAM or CGRAM (DDRAM or CGRAM to DR)
Busy Flag (BF)
When the busy flag is 1, the controller LSI is in the internal operation mode, and the next
instruction will not be accepted.
When RS=0 and R/W=1, the busy flag is output to DB7.
The
next instruction must be written after ensuring that the busy flag is 0.
Address Counter (AC)
The address counter (AC) assigns addresses to both DDRAM and CGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com