Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC53-10PAS-Q Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BC53-10PAS-Q
Description  80 V, 1 A PNP medium power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC53-10PAS-Q Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BC53-10PAS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Nexperia
BC53xPAS-Q series
80 V, 1 A PNP medium power transistors
006aac689
-0.4
-0.8
-1.2
VBE
(V)
0.0
IC (mA)
-10 - 1
-10 4
-10 3
- 1
-10 2
-10
(1)
(2)
(3)
VCE = -2 V
(1) Tamb = -55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 9. Base-emitter voltage as a function of collector
current; typical values
006aac690
- 1
-10 - 1
-10
VCEsat
(V)
-10 - 2
IC (mA)
-10 - 1
-10 4
-10 3
- 1
-10 2
-10
(1)
(2)
(3)
IC/IB = 10
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 10. Collector-emitter saturation voltage as a
function of collector current; typical values
11. Test information
11.1. Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
12. Package outline
14-03-18
Dimensions in mm
0.65
max
0.04
max
0.3
0.2
0.45
0.35
2.1
1.9
1.1
0.9
0.35
0.25
2.1
1.9
1.6
1.4
1.3
2
1
3
Fig. 11. Package outline DFN2020D-3 (SOT1061D)
BC53XPAS-Q_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
17 October 2022
7 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com