Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC53-10PAS-Q Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # BC53-10PAS-Q
Description  80 V, 1 A PNP medium power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC53-10PAS-Q Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button BC53-10PAS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC53-10PAS-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Nexperia
BC53xPAS-Q series
80 V, 1 A PNP medium power transistors
14. Revision history
Table 8. Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
BC53XPAS-Q_SER v.1 20221017
Product data sheet
-
-
BC53XPAS-Q_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
17 October 2022
9 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com