Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128FT Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 1 Page - STMicroelectronics

  M58LR128FT Datasheet HTML 1Page - STMicroelectronics M58LR128FT Datasheet HTML 2Page - STMicroelectronics M58LR128FT Datasheet HTML 3Page - STMicroelectronics M58LR128FT Datasheet HTML 4Page - STMicroelectronics M58LR128FT Datasheet HTML 5Page - STMicroelectronics M58LR128FT Datasheet HTML 6Page - STMicroelectronics M58LR128FT Datasheet HTML 7Page - STMicroelectronics M58LR128FT Datasheet HTML 8Page - STMicroelectronics M58LR128FT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
1/82
September 2004
M58LR128FT
M58LR128FB
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst)
1.8V Supply Flash Memory
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VDD = 1.7V to 2.0V for program, erase and
read
–VDDQ = 1.7V to 2.0V for I/O Buffers
–VPP = 9V for fast program (12V tolerant)
■
SYNCHRONOUS / ASYNCHRONOUS READ
–
Synchronous Burst Read mode: 54MHz
–
Asynchronous Page Read mode
–
Random Access: 85, 95ns
■
SYNCHRONOUS BURST READ SUSPEND
■
PROGRAMMING TIME
–
10µs typical Word program time using
Buffer Program
■
MEMORY ORGANIZATION
–
Multiple Bank Memory Array: 8 Mbit
Banks
–
Parameter Blocks (Top or Bottom
location)
■
DUAL OPERATIONS
–
program/erase in one Bank while read in
others
–
No delay between read and write
operations
■
BLOCK LOCKING
–
All blocks locked at power-up
–
Any combination of blocks can be locked
with zero latency
–WP for Block Lock-Down
–
Absolute Write Protection with VPP = VSS
■
SECURITY
–
64 bit unique device number
–
2112 bit user programmable OTP Cells
■
COMMON FLASH INTERFACE (CFI)
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
Figure 1. Package
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Top Device Code: 88C4h.
–
Bottom Device Code: 88C5h
VFBGA56 (ZB)
7.7 x 9mm
FBGA


Similar Part No. - M58LR128FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR128GB STMICROELECTRONICS-M58LR128GB Datasheet
1Mb / 84P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
28-Jun-2005
M58LR128GB85ZB5 STMICROELECTRONICS-M58LR128GB85ZB5 Datasheet
1Mb / 84P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
28-Jun-2005
M58LR128GB85ZB5E STMICROELECTRONICS-M58LR128GB85ZB5E Datasheet
1Mb / 84P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
28-Jun-2005
M58LR128GB85ZB5F STMICROELECTRONICS-M58LR128GB85ZB5F Datasheet
1Mb / 84P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
28-Jun-2005
M58LR128GB85ZB5T STMICROELECTRONICS-M58LR128GB85ZB5T Datasheet
1Mb / 84P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
28-Jun-2005
More results

Similar Description - M58LR128FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
21-May-2003
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
04-Dec-2004
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
03-Dec-2004
M30L0R8000T0 STMICROELECTRONICS-M30L0R8000T0 Datasheet
1Mb / 83P
256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
18-May-2005
M58LT128GS STMICROELECTRONICS-M58LT128GS Datasheet
693Kb / 98P
128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
29-Sep-2005
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
28-Nov-2005
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
13-Jul-2006
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
28-Jun-2005
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com