Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128FB Datasheet(PDF) 60 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 56Page - STMicroelectronics M58LR128FB Datasheet HTML 57Page - STMicroelectronics M58LR128FB Datasheet HTML 58Page - STMicroelectronics M58LR128FB Datasheet HTML 59Page - STMicroelectronics M58LR128FB Datasheet HTML 60Page - STMicroelectronics M58LR128FB Datasheet HTML 61Page - STMicroelectronics M58LR128FB Datasheet HTML 62Page - STMicroelectronics M58LR128FB Datasheet HTML 63Page - STMicroelectronics M58LR128FB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
M58LR128FT, M58LR128FB
60/82
APPENDIX B. COMMON FLASH INTERFACE
The Common Flash Interface is a JEDEC ap-
proved, standardized data structure that can be
read from the Flash memory device. It allows a
system software to query the device to determine
various electrical and timing parameters, density
information and functions supported by the mem-
ory. The system can interface easily with the de-
vice, enabling the software to upgrade itself when
necessary.
When the Read CFI Query Command is issued
the device enters CFI Query mode and the data
structure is read from the memory. Tables 31, 32,
33, 34, 35, 36, 37, 38, 39 and 40 show the ad-
dresses used to retrieve the data. The Query data
is always presented on the lowest order data out-
puts (DQ0-DQ7), the other outputs (DQ8-DQ15)
are set to 0.
The CFI data structure also contains a security
area where a 64 bit unique security number is writ-
ten (see Figure 5., Protection Register Memory
Map). This area can be accessed only in Read
mode by the final user. It is impossible to change
the security number after it has been written by
ST. Issue a Read Array command to return to
Read mode.
Table 31. Query Structure Overview
Note: The Flash memory display the CFI data structure when CFI Query command is issued. In this table are listed the main sub-sections
detailed in Tables 32, 33, 34, and 35. Query data is always presented on the lowest order data outputs.
Table 32. CFI Query Identification String
Offset
Sub-section Name
Description
000h
Reserved
Reserved for algorithm-specific information
010h
CFI Query Identification String
Command set ID and algorithm data offset
01Bh
System Interface Information
Device timing & voltage information
027h
Device Geometry Definition
Flash device layout
P
Primary Algorithm-specific Extended Query table
Additional information specific to the Primary
Algorithm (optional)
A
Alternate Algorithm-specific Extended Query table
Additional information specific to the Alternate
Algorithm (optional)
080h
Security Code Area
Lock Protection Register
Unique device Number and
User Programmable OTP
Offset
Sub-section Name
Description
Value
000h
0020h
Manufacturer Code
ST
001h
88C4h
88C5h
Device Code
Top
Bottom
002h
Reserved
Reserved
003h
Reserved
Reserved
004h-00Fh
Reserved
Reserved
010h
0051h
Query Unique ASCII String "QRY"
"Q"
011h
0052h
"R"
012h
0059h
"Y"
013h
0003h
Primary Algorithm Command Set and Control Interface ID code 16
bit ID code defining a specific algorithm
014h
0000h
015h
offset = P = 000Ah
Address for Primary Algorithm extended Query table (see Table
34.)
p = 10Ah
016h
0001h
017h
0000h
Alternate Vendor Command Set and Control Interface ID Code
second vendor - specified algorithm supported
NA
018h
0000h
019h
value = A = 0000h
Address for Alternate Algorithm extended Query table
NA
01Ah
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com