Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128FB Datasheet(PDF) 12 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 8Page - STMicroelectronics M58LR128FB Datasheet HTML 9Page - STMicroelectronics M58LR128FB Datasheet HTML 10Page - STMicroelectronics M58LR128FB Datasheet HTML 11Page - STMicroelectronics M58LR128FB Datasheet HTML 12Page - STMicroelectronics M58LR128FB Datasheet HTML 13Page - STMicroelectronics M58LR128FB Datasheet HTML 14Page - STMicroelectronics M58LR128FB Datasheet HTML 15Page - STMicroelectronics M58LR128FB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
M58LR128FT, M58LR128FB
12/82
COMMAND INTERFACE
All Bus Write operations to the memory are inter-
preted by the Command Interface. Commands
consist of one or more sequential Bus Write oper-
ations. An internal Program/Erase Controller han-
dles all timings and verifies the correct execution
of the program and erase commands. The Pro-
gram/Erase Controller provides a Status Register
whose output may be read at any time to monitor
the progress or the result of the operation.
The Command Interface is reset to read mode
when power is first applied, when exiting from Re-
set or whenever VDD is lower than VLKO. Com-
mand sequences must be followed exactly. Any
invalid combination of commands will be ignored.
Refer to Table 4., Command Codes, Table
5., Standard Commands, and Table 6., Factory
Program Command, for a summary of the Com-
mand Interface.
Table 4. Command Codes
Read Array Command
The Read Array command returns the addressed
bank to Read Array mode.
One Bus Write cycle is required to issue the Read
Array command. Once a bank is in Read Array
mode, subsequent read operations will output the
data from the memory array.
A Read Array command can be issued to any
banks while programming or erasing in another
bank.
If the Read Array command is issued to a bank
currently executing a program or erase operation,
the bank will return to Read Array mode but the
program or erase operation will continue, however
the data output from the bank is not guaranteed
until the program or erase operation has finished.
The read modes of other banks are not affected.
Read Status Register Command
The device contains a Status Register that is used
to monitor program or erase operations.
The Read Status Register command is used to
read the contents of the Status Register for the ad-
dressed bank.
One Bus Write cycle is required to issue the Read
Status Register command. Once a bank is in Read
Status Register mode, subsequent read opera-
tions will output the contents of the Status Regis-
ter.
The Status Register data is latched on the falling
edge of the Chip Enable or Output Enable signals.
Either Chip Enable or Output Enable must be tog-
gled to update the Status Register data
The Read Status Register command can be is-
sued at any time, even during program or erase
operations. The Read Status Register command
will only change the read mode of the addressed
bank. The read modes of other banks are not af-
fected. Only Asynchronous Read and Single Syn-
chronous Read operations should be used to read
the Status Register. A Read Array command is re-
quired to return the bank to Read Array mode.
See Table 9. for the description of the Status Reg-
ister Bits.
Read Electronic Signature Command
The Read Electronic Signature command is used
to read the Manufacturer and Device Codes, the
Lock Status of the addressed bank, the Protection
Register, and the Configuration Register.
One Bus Write cycle is required to issue the Read
Electronic Signature command. Once a bank is in
Read Electronic Signature mode, subsequent
read operations in the same bank will output the
Manufacturer Code, the Device Code, the Lock
Hex Code
Command
01h
Block Lock Confirm
03h
Set Configuration Register Confirm
10h
Alternative Program Setup
20h
Block Erase Setup
2Fh
Block Lock-Down Confirm
40h
Program Setup
50h
Clear Status Register
60h
Block Lock Setup, Block Unlock Setup,
Block Lock Down Setup and Set
Configuration Register Setup
70h
Read Status Register
80h
Buffer Enhanced Factory Program
90h
Read Electronic Signature
98h
Read CFI Query
B0h
Program/Erase Suspend
C0h
Protection Register Program
D0h
Program/Erase Resume, Block Erase
Confirm, Block Unlock Confirm or Buffer
Program Confirm
E8h
Buffer Program
FFh
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com