Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128FT85ZB6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58LR128FT85ZB6F
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT85ZB6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58LR128FT85ZB6F Datasheet HTML 12Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 13Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 14Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 15Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 16Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 17Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 18Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 19Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
M58LR128FT, M58LR128FB
16/82
–
Read CFI Query.
Additionally, if the suspended operation was erase
then the following commands are also accepted:
–
Clear Status Register
–
Program (except in erase-suspended
block)
–
Block Lock
–
Block Lock-Down
–
Block Unlock.
During an erase suspend the block being erased
can be protected by issuing the Block Lock or
Block Lock-Down commands. When the Program/
Erase Resume command is issued the operation
will complete.
It is possible to accumulate multiple suspend oper-
ations. For example: suspend an erase operation,
start a program operation, suspend the program
operation, then read the array.
If a Program command is issued during a Block
Erase Suspend, the erase operation cannot be re-
sumed until the program operation has completed.
The Program/Erase Suspend command does not
change the read mode of the banks. If the sus-
pended bank was in Read Status Register, Read
Electronic signature or Read CFI Query mode the
bank remains in that mode and outputs the corre-
sponding data.
Refer to Dual Operations section for detailed infor-
mation about simultaneous operations allowed
during Program/Erase Suspend.
During a Program/Erase Suspend, the device can
be placed in standby mode by taking Chip Enable
to VIH. Program/erase is aborted if Reset, RP,
goes to VIL.
See APPENDIX C., Figure 24., Program Suspend
& Resume Flowchart and Pseudo Code, and Fig-
ure 26., Erase Suspend & Resume Flowchart and
Pseudo Code, for flowcharts for using the Pro-
gram/Erase Suspend command.
Program/Erase Resume Command
The Program/Erase Resume command is used to
restart the program or erase operation suspended
by the Program/Erase Suspend command. One
Bus Write cycle is required to issue the command.
The command can be issued to any address.
The Program/Erase Resume command does not
change the read mode of the banks. If the sus-
pended bank was in Read Status Register, Read
Electronic signature or Read CFI Query mode the
bank remains in that mode and outputs the corre-
sponding data.
If a Program command is issued during a Block
Erase Suspend, then the erase cannot be re-
sumed until the program operation has completed.
See APPENDIX C., Figure 24., Program Suspend
& Resume Flowchart and Pseudo Code, and Fig-
ure 26., Erase Suspend & Resume Flowchart and
Pseudo Code, for flowcharts for using the Pro-
gram/Erase Resume command.
Protection Register Program Command
The Protection Register Program command is
used to program the user One-Time-Programma-
ble (OTP) segments of the Protection Register and
the two Protection Register Locks.
The device features 16 OTP segments of 128 bits
and one OTP segment of 64 bits, as shown in Fig-
ure 5., Protection Register Memory Map.
The segments are programmed one Word at a
time. When shipped all bits in the segment are set
to ‘1’. The user can only program the bits to ‘0’.
Two Bus Write cycles are required to issue the
Protection Register Program command.
■
The first bus cycle sets up the Protection
Register Program command.
■
The second latches the address and data to
be programmed to the Protection Register and
starts the Program/Erase Controller.
Read operations to the bank being programmed
output the Status Register content after the pro-
gram operation has started.
Attempting to program a previously protected Pro-
tection Register will result in a Status Register er-
ror.
The Protection Register Program cannot be sus-
pended.
The two Protection Register Locks are used to
protect the OTP segments from further modifica-
tion. The protection of the OTP segments is not re-
versible. Refer to Figure 5., Protection Register
Memory Map, and Table 8., Protection Register
Locks, for details on the Lock bits.
See APPENDIX C., Figure 28., Protection Regis-
ter Program Flowchart and Pseudo Code, for a
flowchart for using the Protection Register Pro-
gram command.
Set Configuration Register Command
The Set Configuration Register command is used
to write a new value to the Configuration Register.
Two Bus Write cycles are required to issue the Set
Configuration Register command.
■
The first cycle sets up the Set Configuration
Register command and the address
corresponding to the Configuration Register
content.
■
The second cycle writes the Configuration
Register data and the confirm command.
The Configuration Register data must be written
as an address during the bus write cycles, that is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com