Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128FT85ZB6F Datasheet(PDF) 31 Page - STMicroelectronics

Part # M58LR128FT85ZB6F
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT85ZB6F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M58LR128FT85ZB6F Datasheet HTML 27Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 28Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 29Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 30Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 31Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 32Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 33Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 34Page - STMicroelectronics M58LR128FT85ZB6F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
31/82
M58LR128FT, M58LR128FB
quence can be suspended and resumed as often
as required as long as the operating conditions of
the device are met.
A Synchronous Burst Read operation is suspend-
ed when Chip Enable, E, is Low and the current
address has been latched (on a Latch Enable ris-
ing edge or on a valid clock edge). The Clock sig-
nal is then halted at VIH or at VIL, and Output
Enable, G, goes High.
When Output Enable, G, becomes Low again and
the Clock signal restarts, the Synchronous Burst
Read operation is resumed exactly where it
stopped.
WAIT will revert to high-impedance when Output
Enable, G, or Chip Enable, E, goes High.
See Table 22., Synchronous Read AC Character-
istics, and Figure 14., Synchronous Burst Read
Suspend AC Waveforms, for details.
Single Synchronous Read Mode
Single Synchronous Read operations are similar
to Synchronous Burst Read operations except that
the memory outputs the same data to the end of
the operation.
Synchronous Single Reads are used to read the
Electronic Signature, Status Register, CFI, Block
Protection Status, Configuration Register Status
or Protection Register. When the addressed bank
is in Read CFI, Read Status Register or Read
Electronic Signature mode, the WAIT signal is as-
serted during the X latency, the Wait state and at
the end of a 4, 8 and 16 Word burst. It is only deas-
serted when output data are valid.
See Table 22., Synchronous Read AC Character-
istics, and Figure 12., Synchronous Burst Read
AC Waveforms, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com