Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5674 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 2SC5674
Description  NPN SILICON RF TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5674 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 2SC5674 Datasheet HTML 12Page - Renesas Technology Corp 2SC5674 Datasheet HTML 13Page - Renesas Technology Corp 2SC5674 Datasheet HTML 14Page - Renesas Technology Corp 2SC5674 Datasheet HTML 15Page - Renesas Technology Corp 2SC5674 Datasheet HTML 16Page - Renesas Technology Corp 2SC5674 Datasheet HTML 17Page - Renesas Technology Corp 2SC5674 Datasheet HTML 18Page - Renesas Technology Corp 2SC5674 Datasheet HTML 19Page - Renesas Technology Corp 2SC5674 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet PU10133EJ01V0DS
14
2SC5674
VCE = 1 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.ANG.MAG.ANG.MAG.ANG.MAG.ANG.
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.483
0.414
0.343
0.290
0.244
0.211
0.184
0.165
0.152
0.144
0.137
0.135
0.138
0.136
0.141
0.144
0.147
0.151
0.158
0.163
0.164
0.172
0.177
0.180
0.186
0.191
0.198
0.205
0.212
0.217
0.295
0.410
−23.8
−41.5
−57.0
−68.5
−79.7
−88.5
−98.0
−108.2
−117.6
−126.5
−135.6
−143.2
−151.1
−157.7
−163.5
−169.2
−174.2
−178.3
176.4
173.5
169.8
165.2
163.5
160.7
158.3
155.2
152.6
150.8
149.7
148.5
139.4
128.1
25.106
21.485
18.120
15.280
13.082
11.365
10.037
8.918
8.035
7.320
6.720
6.211
5.744
5.361
5.045
4.744
4.482
4.255
4.061
3.866
3.702
3.542
3.412
3.279
3.152
3.048
2.940
2.849
2.762
2.680
2.097
1.742
158.9
141.9
129.1
119.7
112.6
106.9
102.4
98.2
94.8
91.6
88.7
86.3
84.0
81.5
79.3
77.2
75.0
73.2
71.2
69.3
67.5
65.5
63.9
62.3
60.6
59.4
57.4
55.7
54.2
52.7
38.4
23.2
0.013
0.023
0.032
0.039
0.046
0.053
0.060
0.066
0.073
0.080
0.087
0.094
0.101
0.108
0.115
0.122
0.129
0.136
0.143
0.151
0.158
0.165
0.172
0.179
0.186
0.194
0.201
0.209
0.216
0.222
0.302
0.376
82.1
74.6
71.5
71.0
70.1
70.3
70.6
70.9
71.1
71.0
71.1
71.0
71.1
70.8
70.5
70.4
70.1
69.8
69.3
68.9
68.4
68.0
67.5
66.8
66.3
65.9
65.3
64.7
64.5
63.9
57.0
47.0
0.889
0.781
0.672
0.580
0.510
0.455
0.412
0.377
0.351
0.328
0.309
0.293
0.280
0.270
0.260
0.253
0.246
0.240
0.237
0.235
0.232
0.231
0.231
0.231
0.230
0.230
0.232
0.234
0.234
0.233
0.234
0.266
−15.4
−27.9
−36.2
−41.6
−45.2
−47.8
−49.6
−51.3
−52.8
−54.3
−55.8
−57.3
−59.1
−61.0
−63.2
−65.5
−67.9
−70.3
−72.7
−75.2
−77.7
−80.6
−82.9
−85.6
−87.9
−90.4
−92.5
−94.8
−96.4
−98.6
−125.9
−163.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com