Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N6309C Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N6309C
Description  VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6309C Datasheet(HTML) 2 Page - Microsemi Corporation

  1N6309C Datasheet HTML 1Page - Microsemi Corporation 1N6309C Datasheet HTML 2Page - Microsemi Corporation 1N6309C Datasheet HTML 3Page - Microsemi Corporation 1N6309C Datasheet HTML 4Page - Microsemi Corporation 1N6309C Datasheet HTML 5Page - Microsemi Corporation 1N6309C Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T4-LDS-0193, Rev. 2 (111899)
©2011 Microsemi Corporation
Page 2 of 6
1N6309 thru 1N6355D
MECHANICAL and PACKAGING
• CASE: Hermetically sealed voidless hard glass with tungsten slugs.
• TERMINALS: Axial-leads are tin/lead (Sn/Pb) or RoHS compliant matte/tin (commercial grade only) over copper clad steel.
• MARKING: Body painted and part number.
• POLARITY: Cathode indicated by band.
• TAPE & REEL option: Standard per EIA-296. Consult factory for quantities.
• WEIGHT: 150 milligrams.
• See Package Dimensions on last page.
PART NOMENCLATURE
JAN
1N6309
C
(e3)
Reliability Level
JAN = JAN Level
JANTX = JANTX Level
JANTXV = JANTXV Level
JANS = JANS Level
Blank = Commercial
JEDEC type number
(see Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS Compliant (available
on commercial grade only)
Blank = non-RoHS Compliant
Zener Voltage Tolerance
C = +/- 2%
D = +/- 1%
Blank = +/- 5%
SYMBOLS & DEFINITIONS
Symbol
Definition
IR
Reverse Current: The maximum reverse (leakage) current that will flow at the specified voltage and temperature.
IZ, IZT, IZK
Regulator Current: The dc regulator current (IZ), at a specified test point (IZT), near breakdown knee (IZK).
IZM
Maximum Regulator (Zener) Current: The maximum rated dc current for the specified power rating.
IZSM
Maximum Zener Surge Current: The non-repetitive peak value of Zener surge current at a specified wave form.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
VWM
Working Peak Voltage: The maximum peak voltage that can be applied over the operating temperature range. This is
also referred to as Standoff Voltage.
VZ
Zener Voltage: The Zener voltage the device will exhibit at a specified current (IZ) in its breakdown region.
ZZT or ZZK
Dynamic Impedance: The small signal impedance of the diode when biased to operate in its breakdown region at a
specified rms current modulation (typically 10% of IZT or IZK) and superimposed on IZT or IZK respectively.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com