Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N6309C Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N6309C
Description  VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6309C Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6309C Datasheet HTML 1Page - Microsemi Corporation 1N6309C Datasheet HTML 2Page - Microsemi Corporation 1N6309C Datasheet HTML 3Page - Microsemi Corporation 1N6309C Datasheet HTML 4Page - Microsemi Corporation 1N6309C Datasheet HTML 5Page - Microsemi Corporation 1N6309C Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0193, Rev. 2 (111899)
©2011 Microsemi Corporation
Page 1 of 6
1N6309 thru 1N6355D
Available on
commercial
versions
VOIDLESS HERMETICALLY SEALED
500mW GLASS ZENER DIODES
Qualified per MIL-PRF-19500/533
Qualified Levels:
JAN, JANTX, JANTXV
and JANS
DESCRIPTION
This Zener voltage regulator series is military qualified and is ideal for high-reliability
applications where a failure cannot be tolerated. These industry-recognized 0.5 watt Zener
voltage regulators are hermetically sealed with voidless-glass construction using an internal
metallurgical bond. It includes Zener selections from 2.4 to 200 volts in standard 5%
tolerances as well as 1% and 2% tolerances. They are also available in surface-mount
packages. Microsemi also offers numerous other Zener products to meet higher and lower
power ratings in both thru-hole and surface mount packages.
DO-35 or
“D” Package
Also available in:
“B” SQ MELF package
(surface mount)
1N6309US – 1N6355DUS
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
•
JEDEC registered 1N6309 thru 1N6355 series.
•
Voltage tolerances of 1%, 2% and 5% are available. (See part nomenclature.)
•
Voidless hermetically sealed glass package.
•
Internal “Category 1” metallurgical bonds for 1N6321 thru 1N6355 and “Category III” for 1N6309
thru 1N6320.
•
JAN, JANTX, JANTXV, and JANS reliability levels are available per MIL-PRF-19500/533.
•
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
•
Small DO-35 size package (or “D” Package).
•
Regulates voltage over a broad operating current and temperature range.
•
Extensive selection from 2.4 to 200 volts.
•
Standard and tight voltage tolerances available.
•
Extremely robust construction.
•
Flexible axial-lead mounting terminals.
•
Non-sensitive to ESD per MIL-STD-750 method 1020.
•
Inherently radiation hard as described in Microsemi “MicroNote 050”.
MAXIMUM RATINGS
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-65 to +175
oC
Thermal Resistance Junction-to-Lead
(1)
1N6309 – 1N6320
1N6321 – 1N6355
RӨJL
150
95.5
oC/W
Thermal Resistance Junction-to-Ambient
(2)
RӨJA
240
oC/W
Steady-State Power Dissipation @ TL = 75
oC
PD
0.5
W
Forward Voltage @ 1.0 A
VF
1.4
V
Solder Temperature @ 10 s
TSP
260
oC
Notes: 1. At 3/8 inch (10 mm) from body. See Figure 1 and Figure 2 for derating.
2. TA = +55 °C before derating on printed circuit board (PCB), PCB = FR4 .0625 inch (1.59 mm) 1-layer 1-
Oz Cu, horizontal, still air, pads = .092 inch (2.34 mm) diameter, strip = .030 inch (0.76 mm) x 1 inch
(
25.4 mm) long, axial lead length L ≤ .187 inch (≤ 4.75 mm); RΘJA with a defined thermal resistance
condition included is measured at IZ = as defined in the characteristics and ratings table herein.


Similar Part No. - 1N6309C

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309 Datasheet
132Kb / 2P
500mW ZENER DIODES
logo
Sensitron
1N6309 SENSITRON-1N6309 Datasheet
127Kb / 4P
ZENER 500mW VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N6309 NJSEMI-1N6309 Datasheet
142Kb / 1P
500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
More results

Similar Description - 1N6309C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
500mW, Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
500mW Hermetically Sealed Glass Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com